Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8214ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8214ARMZ
Description  High Voltage Threshold Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8214ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8214ARMZ Datasheet HTML 4Page - Analog Devices AD8214ARMZ Datasheet HTML 5Page - Analog Devices AD8214ARMZ Datasheet HTML 6Page - Analog Devices AD8214ARMZ Datasheet HTML 7Page - Analog Devices AD8214ARMZ Datasheet HTML 8Page - Analog Devices AD8214ARMZ Datasheet HTML 9Page - Analog Devices AD8214ARMZ Datasheet HTML 10Page - Analog Devices AD8214ARMZ Datasheet HTML 11Page - Analog Devices AD8214ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8214
Rev. 0 | Page 8 of 16
50
70
90
110
OVERDRIVE VOLTAGE (mV)
5
152535455565758595
ROUT = 3.3kΩ
ROUT = 5kΩ
Figure 16. Rise Time vs. Overdrive Voltage
(+IN > –IN by Specified VOD)
100ns/DIV
VOD = 15mV
VOD = 5mV
OUT
2V/DIV
–IN
10mV/DIV
+IN
Figure 17. Typical Propagation Delay (ROUT = 5 kΩ)
100ns/DIV
VOD = 20mV
OUT
2V/DIV
–IN
10mV/DIV
+IN
VOD = 10mV
Figure 18. Typical Propagation Delay (ROUT = 5 kΩ)
100ns/DIV
VOD = 50mV
VOD = 30mV
OUT
2V/DIV
–IN
30mV/DIV
+IN
Figure 19. Typical Propagation Delay (ROUT = 5 kΩ)
100ns/DIV
VOD = 100mV
VOD = 100mV
OUT
2V/DIV
–IN 50mV/DIV
+IN
Figure 20. Typical Propagation Delay (ROUT = 5 kΩ)
50
70
90
110
130
150
170
190
OVERDRIVE VOLTAGE (mV)
15
25
35
45
55
65
75
85
95
ROUT = 3.3kΩ
ROUT = 5kΩ
Figure 21. Propagation Delay vs. Overdrive Voltage
(–IN > +IN by Specified VOD, Output High to Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com