Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8214ARMZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8214ARMZ-R7
Description  High Voltage Threshold Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8214ARMZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8214ARMZ-R7 Datasheet HTML 1Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 2Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8214
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VS = 13.5 V, unless otherwise noted.
Table 1.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
VOLTAGE OFFSET
Offset Voltage (RTI)
TA = 25°C, voltage at –IN decreasing
±1
±3
mV
Over Temperature (RTI)
±2.5
mV
Offset Drift
15
µV/°C
HYSTERESIS
TA = 25°C, voltage at –IN increasing
8
10
12
mV
INPUT
Input Impedance
Differential
2
MΩ
Common Mode
VS = 5 V to 65 V
5
MΩ
Voltage Range
Differential
Maximum voltage between +IN and –IN
500
mV
Common Mode
VS – 0.9
VS + 0.2
V
Input Bias Current
+IN or –IN
12
20
nA
OUTPUT
Output Current
ROUT = 3.3 kΩ, output high
0.8
1
1.2
mA
ROUT = 3.3 kΩ, output low
100
nA
Rise Time
20% to 80%, ROUT = 3.3 kΩ, VOD = 5 mV, 50 mV step
90
ns
20% to 80%, ROUT = 3.3 kΩ, VOD = >20 mV, 50 mV step
75
ns
Fall Time
20% to 80%, ROUT = 3.3 kΩ, VOD = 5 mV, 50 mV step
110
ns
20% to 80%, ROUT = 3.3 kΩ, VOD = >10 mV, 50 mV step
100
ns
REGULATOR
Nominal Value
TA = 25°C, voltage from VREG to VS
2.43
V
TA = –40°C to +125°C
±5
%
DYNAMIC RESPONSE
50 mV to 250 mV step
Propagation Delay1
5 mV ≤ VOD ≤ 15 mV, output low to high
90
ns
15 mV ≤ VOD ≤ 30 mV, output low to high
80
ns
VOD ≥ 30 mV, output low to high
75
ns
INPUT-REFERRED DYNAMIC ERROR2
15
mV
POWER SUPPLY
Operating Range
Maximum Voltage
GND to VS
65
V
Minimum Voltage
GND to VS
5
V
Output Voltage Range3
With respect to VREG
2
62.5
V
Supply Current
Output low
240
µA
Output high
1.2
mA
TEMPERATURE RANGE FOR SPECIFIED PERFORMANCE
−40
+125
°C
1 VOD represents the overdrive voltage, or the amount of voltage by which the threshold point has been exceeded.
2 See the
section.
Input-Referred Dynamic Error
3 The voltage at OUT must not be allowed to exceed the VREG voltage, which is always 2.4 V less than the supply. For example, when the supply voltage is 5 V and the
output current is 1 mA, the load resistor must not be more than (5 V – 2.4 V)/{1 mA × (1 + 20%)}, or 2.17 kΩ, to ensure the signal does not exceed 2.6 V. As the supply
increases, the output signal also can be increased, by the same amount.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com