Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8214ARMZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8214ARMZ-R7
Description  High Voltage Threshold Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8214ARMZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8214ARMZ-R7 Datasheet HTML 1Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 2Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8214
Rev. 0 | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
6
8
5
3
2
Figure 2. Metallization Diagram
NC = NO CONNECT
AD8214
TOP VIEW
(Not to Scale)
VS 1
+IN 2
VREG 3
NC 4
–IN
NC
GND
OUT
8
7
6
5
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
X
Y
Description
1
VS
–196
+447
Supply Voltage.
2
+IN
–198
–58
Noninverting Input.
3
VREG
–196
–346
Regulator Voltage.
4
NC
No Connect.
5
OUT
+196
–348
Output.
6
GND
+196
+447
Ground.
7
NC
No Connect.
8
–IN
–31
+449
Inverting Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com