Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5391ACPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5391ACPZ-R2
Description  DC to 2.0 GHz Multiplier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5391ACPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADL5391ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADL5391
Rev. 0 | Page 4 of 16
Parameter
Conditions
Min
Typ
Max
Unit
OIP3
Two-tone IP3 test; X (Y) = 100 mV p-p/tone
(−10 dBm into 50 Ω), Y (X) = 1
f1= 49 MHz, f = 50 MHz
26.5
dBm
f1 = 999 MHz, f2 = 1 GHz
14
dBm
OIP2
f1 = 49 MHz, f = 50 MHz
45.5
dBm
f1 = 999 MHz, f2 = 1 GHz
28
dBm
Output 1 dB Compression Point
X (Y) to W, Y (X) = 1 V, 50 MHz
15.1
dBm
1 GHz
13.2
dBm
Group Delay
200 MHz
0.5
ns
1 GHz
0.7
ns
Differential Gain Error, X/Y
f = 3.58 MHz
2.7
%
Differential Phase Error, X/Y
f = 3.58 MHz
0.23
Degrees
GAIN TRIMMING (α)
GADJ
Nominal Bias
Unconnected
1.12
V
Input Range
0
2
V
Gain Adjust Range
Input 0 V to 2 V
9.5
dB
REFERENCE VOLTAGE
VMID
VPOS/2
V
Source Current
Common-mode for X, Y, Z = 2.5 V
50
mA
POWER AND ENABLE
VPOS, COMM, ENBL
Supply Voltage Range
4.5
5.5
V
Total Supply Current
Common-mode for X, Y, Z = 2.5 V
135
mA
Disable Current
ENBL = 0 V
7.5
mA
Disable Threshold
High to Low
1.5
V
Enable Response Time
Delay following high-to-low transition until device
meets full specifications
150
ns
Disable Response Time
Delay following low-to-high transition until device
produces full attenuation
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com