Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5391ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5391ACPZ-R2
Description  DC to 2.0 GHz Multiplier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5391ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADL5391ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DC to 2.0 GHz
Multiplier
ADL5391
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Ultrafast symmetric multiplier
Function: VW = α × (VX × VY)/1 V + VZ
Unique design ensures absolute XY-symmetry
Identical X and Y amplitude/timing responses
Adjustable gain scaling, α
DC-coupled throughout, 3 dB bandwidth of 2 GHz
Fully differential inputs, may be used single ended
Low noise, high linearity
Accurate, temperature stable gain scaling
Single-supply operation (4.5 V to 5.5 V @ 130 mA)
Low current power-down mode
16-lead LFCSP
APPLICATIONS
Wideband multiplication and summing
High frequency analog modulation
Adaptive antennas (diversity/phased array)
Square-law detectors and true rms detectors
Accurate polynomial function synthesis
DC capable VGA with very fast control
FUNCTIONAL BLOCK DIAGRAM
YMNS YPLS
GADJ
ZMNS
ZPLS
WPLS
WMNS
XPLS
XMNS
VMID
ENBL
COMM VPOS
W = αXY/1V+Z
ADL5391
Figure 1.
GENERAL DESCRIPTION
The ADL5391 draws on three decades of experience in
advanced analog multiplier products. It provides the same
general mathematical function that has been field proven to
provide an exceptional degree of versatility in function synthesis.
VW = α × (VX × VY)/ 1 V + VZ
The most significant advance in the ADL5391 is the use of a
new multiplier core architecture, which differs markedly from
the conventional form that has been in use since 1970. The
conventional structure that employs a current mode, translinear
core is fundamentally asymmetric with respect to the X and Y
inputs, leading to relative amplitude and timing misalignments
that are problematic at high frequencies. The new multiplier
core eliminates these misalignments by offering symmetric
signal paths for both X and Y inputs. The Z input allows a signal
to be added directly to the output. This can be used to cancel a
carrier or to apply a static offset voltage.
The fully differential X, Y, and Z input interfaces are operational
over a ±2 V range, and they can be used in single-ended fashion.
The user can apply a common mode at these inputs to vary
from the internally set VPOS/2 down to ground. If these inputs
are ac-coupled, their nominal voltage will be VPOS/2. These input
interfaces each present a differential 500 Ω input impedance up to
approximately 700 MHz, decreasing to 50 Ω at 2 GHz. The gain
scaling input, GADJ, can be used for fine adjustment of the gain
scaling constant (α) about unity.
The differential output can swing ±2 V about the VPOS/2
common-mode and can be taken in a single-ended fashion as
well. The output common mode is designed to interface directly
to the inputs of another ADL5391. Light dc loads can be ground
referenced; however, ac-coupling of the outputs is recommended
for heavy loads.
The ENBL pin allows the ADL5391 to be disabled quickly to a
standby mode. It operates off supply voltages from 4.5 V to
5.5 V while consuming approximately 130 mA.
The ADL5391 is fabricated on Analog Devices proprietary, high
performance, 65 GHz, SOI complementary, SiGe bipolar IC
process. It is available in a 16-lead, Pb-free, LFCSP and operates
over a −40°C to +85°C temperature range. Evaluation boards
are available.


Similar Part No. - ADL5391ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5391ACPZ-R2 AD-ADL5391ACPZ-R2 Datasheet
518Kb / 15P
DC to 2.0 GHz Multiplier
10/2017-Rev. 0 to Rev. A
More results

Similar Description - ADL5391ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC165S14 HITTITE-HMC165S14 Datasheet
62Kb / 4P
GaAS MMIC SP4T SWITCH DC TO 2.0 GHz
logo
Mini-Circuits
MSWT-4-20 MINI-MSWT-4-20 Datasheet
244Kb / 2P
50ohm Transfer, DC to 2.0 GHz Low Video Leakage
logo
Hexawave, Inc
HWS2152 HW-HWS2152 Datasheet
116Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
logo
Mimix Broadband
CFH2162-P3 MIMIX-CFH2162-P3_09 Datasheet
1Mb / 4P
1.8 to 2.0 GHz
logo
API Technologies Corp
MR141M APITECH-MR141M Datasheet
108Kb / 1P
RF/LO: 2.0 to 18.0 GHz IF: DC to 500 MHz
MR141H APITECH-MR141H Datasheet
109Kb / 1P
RF/LO: 2.0 to 18.0 GHz IF: DC to 500 MHz
logo
Analog Devices
ADL5391 AD-ADL5391_15 Datasheet
498Kb / 16P
DC to 2.0 GHz Multiplier
REV. 0
logo
TriQuint Semiconductor
TGA4030-SM TRIQUINT-TGA4030-SM_15 Datasheet
434Kb / 17P
17 to 37 GHz MPA/Multiplier
TGA4040 TRIQUINT-TGA4040_15 Datasheet
283Kb / 11P
17 to 43 GHz MPA / Multiplier
logo
Analog Devices
ADL5391 AD-ADL5391_17 Datasheet
518Kb / 15P
DC to 2.0 GHz Multiplier
10/2017-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com