Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8392AACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8392AACPZ-R7
Description  Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8392AACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8392AACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8392AACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8392AACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8392AACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8392AACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8392AACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8392AACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8392AACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8392AACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD8392A
Rev. 0 | Page 7 of 12
THEORY OF OPERATION
The AD8392A is a current feedback amplifier with high
(500 mA) output current capability. With a current feedback
amplifier, the current into the inverting input is the feedback
signal, and the open-loop behavior is that of a transimpedance,
dVO/dIIN or TZ.
The open-loop transimpedance is analogous to the open-loop
voltage gain of a voltage feedback amplifier. Figure 16 shows a
simplified model of a current feedback amplifier. Because RIN is
proportional to 1/gm, the equivalent voltage gain is TZ × gm,
where gm is the transconductance of the input stage. Basic
analysis of the follower with gain circuit yields
()
()
F
IN
Z
Z
IN
O
R
R
G
S
T
S
T
G
V
V
+
×
+
×
=
where:
G
F
R
R
G
+
=1
Ω
50
1 ≈
=
m
IN
g
R
Because G × RIN << RF for low gains, a current feedback
amplifier has relatively constant bandwidth vs. gain, the 3 dB
point being set when |TZ| = RF.
Of course, for a real amplifier there are additional poles that
contribute excess phase, and there is a value for RF below which
the amplifier is unstable. Tolerance for peaking and desired
flatness determines the optimum RF in each application.
RF
VOUT
RG
RN
VIN
RIN
IIN
TZ
Figure 16. Simplified Block Diagram
The AD8392A is capable of delivering 500 mA of output
current while swinging to within 2 V of either power supply
rail. The AD8392A also has a power management system
included on-chip. It features four user-programmable power
levels (three active power modes as well as the provision for
complete shutdown).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com