Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8392AACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8392AACPZ-R7
Description  Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8392AACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8392AACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8392AACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8392AACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8392AACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8392AACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8392AACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8392AACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8392AACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8392AACPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD8392A
Rev. 0 | Page 11 of 12
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-153-AET
28
15
14
1
EXPOSED
PAD
(Pins Up)
9.80
9.70
9.60
4.50
4.40
4.30
6.40
BSC
TOP VIEW
BOTTOM VIEW
0.65 BSC
0.15
0.05
COPLANARITY
0.10
1.20 MAX
1.05
1.00
0.80
0.30
0.19
SEATING
PLANE
0.20
0.09
3.05
3.00
2.95
8°
0°
0.75
0.60
0.45
3.55
3.50
3.45
Figure 21. 28-Lead Thin Shrink Small Outline with Exposed Pad [TSSOP/EP]
(RE-28-1)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-2
0.30
0.23
0.18
0.20 REF
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
12° MAX
1.00
0.85
0.80
SEATING
PLANE
COPLANARITY
0.08
1
32
8
9
25
24
16
17
0.50
0.40
0.30
3.50 REF
0.50
BSC
PIN 1
INDICATOR
TOP
VIEW
5.00
BSC SQ
4.75
BSC SQ
3.25
3.10 SQ
2.95
PIN 1
INDICATOR
0.60 MAX
0.60 MAX
0.25 MIN
EXPOSED
PAD
(BOTTOM VIEW)
Figure 22. 32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
5 mm × 5 mm Body, Very Thin Quad (CP-32-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8392AAREZ1
−40°C to +85°C
28-Lead Thin Shrink Small Outline Package (TSSOP/EP)
RE-28-1
AD8392AAREZ-RL1
−40°C to +85°C
28-Lead Thin Shrink Small Outline Package (TSSOP/EP)
RE-28-1
AD8392AAREZ-R71
−40°C to +85°C
28-Lead Thin Shrink Small Outline Package (TSSOP/EP)
RE-28-1
AD8392AACPZ-R21
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-32-2
AD8392AACPZ-RL1
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-32-2
AD8392AACPZ-R71
−40°C to +85°C
32-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-32-2
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com