Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AJC Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM79C901AJC
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AJC Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM79C901AJC Datasheet HTML 17Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 18Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 19Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 20Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 21Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 22Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 23Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 24Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
Am79C901A
21
PR ELI M IN AR Y
TMS
Test Mode Select
Input
A serial input bit stream on the TMS pin is used to de-
fine the specific boundary scan test to be executed.
The pin has an internal pull-up resistor.
Ethernet Network Interfaces
TX±
Serial Transmit Data
Output
These pins carry the transmit output data and are con-
nected to the transmit side of the magnetics module.
RX±
Serial Receive Data
Input
These pins accept the receive input data from the
magnetics module.
IREF
Internal Current Reference
Input
This pin serves as a current reference for the integrated
1/10 PHY. It must be connected to GND through a
12.1 k
Ω resistor (1%).
HomePNA PHY Network Interface
HRTXRXP/HRTXRXN
Serial Receive Data
Input/Output
These pins accept the receive input data from the mag-
netics module and carry the transmit output data. A
102-
Ω resistor should be placed between these pins.
Clock Interface
XCLK/XTAL
External Clock/Crystal Select
Input
When HIGH, an external 60-MHz clock source is se-
lected bypassing the crystal circuit and clock trippler.
When LOW, a 20-MHz crystal is used instead. Table 1
illustrates how this pin works.
Table 1.
Clock Source Selection
XTAL1
Crystal Oscillator In
Input
The internal clock generator utilizes either a 20-MHz
crystal that is attached to pins XTAL1 and XTAL2 or a
60-MHz clock source connected to XTAL1. This pin is
not 5 V tolerant, and the 60 MHz clock source should
be from a 3.3 V source.
XTAL2
Crystal Oscillator Out
Output
The internal clock generator utilizes a 20-MHz crystal
that is attached to pins XTAL1 and XTAL2. In XCLK
mode, this pin should be left unconnected.
Power Supply
DVDD
Digital Power (5 Pins)
+3.3 V Power
These pins are the power supply pins that are used to
provide power to the digital portions of the design. All
DVDD pins must be connected to a +3.3 V supply.
AVDD
Analog Power (7 Pins)
+3.3 V Power
These pins are the power supply pins that are used to
provide power to the analog portions of the design. All
AVDD pins must be connected to a +3.3 V supply.
DVSS
Digital Ground (6 Pins)
Ground
These pins are the ground connections for the digital
portions of the design.
AVSS
Analog Ground (4 Pins)
Ground
These pins are the ground connections for the analog
portion of the design.
Scan Test Interface
TEN
Test Enable
Input
The test enable pin is for factory use only. It must be
connected to VSS for normal operation.
Input Pin
Output
Pin
XCLK/XTAL
Clock Source
XTAL1
XTAL2
0
20-MHz Crystal
XTAL1
NC
1
60-MHz Oscillator/
External CLK
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com