Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C901AJC Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM79C901AJC
Description  HomePHY Single-Chip 1/10 Mbps Home Networking PHY
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C901AJC Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM79C901AJC Datasheet HTML 9Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 10Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 11Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 12Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 13Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 14Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 15Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 16Page - Advanced Micro Devices AM79C901AJC Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
Am79C901A
13
PR ELI M IN AR Y
Pin Name
Pin Function
Type
Driver Type
Number of
Pins
GPSI Interface
TXCLK
GPSI Transmit Clock
O
OMII
1
TXDAT
GPSI Transmit Data
I
–
1
TXEN
GPSI Transmit Enable
I
–
1
RXCLK
GPSI Receive Clock
O
OMII
1
RXDAT
GPSI Receive Data
O
OMII
1
RXCRS
Carrier Sense
O
OMII
1
CLS
Collision
O
OMII
1
SPI Interface
SCLK
SPI Clock
I
–
1
SDI
SPI Data In
I
–
1
SDO
SPI Data Out
O
TSMII
1
CS
Chip Select
I
–
1
IEEE 1149.1 (JTAG) Test Access Port Interface
TCK
Test Clock
I
–
1
TMS
Test Mode Select
I
–
1
TDI
Test Data In
I
–
1
TDO
Test Data Out
O
TS
1
Power Supply
DVDD
Digital Power
P
–
6
AVDD
Analog Power
P
–
6
DVSS
Digital Ground
G
–
7
AVSS
Analog Ground
G
–
3
Test Interface
TEN
Test Enable
I
–
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com