Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFS17
Description  NPN 1 GHz wideband transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFS17 Datasheet(HTML) 3 Page - NXP Semiconductors

  BFS17 Datasheet HTML 1Page - NXP Semiconductors BFS17 Datasheet HTML 2Page - NXP Semiconductors BFS17 Datasheet HTML 3Page - NXP Semiconductors BFS17 Datasheet HTML 4Page - NXP Semiconductors BFS17 Datasheet HTML 5Page - NXP Semiconductors BFS17 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
September 1995
3
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
BFS17
THERMAL CHARACTERISTICS
Note
1. Ts is the temperature at the soldering point of the collector pin.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
up to Ts =70 °C; note 1
260
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =10V
−−
10
nA
hFE
DC current gain
IC = 2 mA; VCE =1V
25
90
−
IC = 25 mA; VCE =1V
25
90
−
fT
transition frequency
IC = 2 mA; VCE = 5 V; f = 500 MHz
−
1
−
GHz
IC = 25 mA; VCE = 5 V; f = 500 MHz
−
1.6
−
GHz
Cc
collector capacitance
IE =ie = 0; VCB = 10 V; f = 1 MHz
−
0.8
1.5
pF
Ce
emitter capacitance
IC =ic = 0; VEB = 0.5 V; f = 1 MHz
−−
2pF
Cre
feedback capacitance
IC = 1 mA; VCE = 5 V; f = 1 MHz
−
0.65
−
pF
F
noise figure
IC = 2 mA; VCE =5V; RS =50 Ω;
f = 500 MHz
−
4.5
−
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com