Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFS17
Description  NPN 1 GHz wideband transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFS17 Datasheet(HTML) 4 Page - NXP Semiconductors

  BFS17 Datasheet HTML 1Page - NXP Semiconductors BFS17 Datasheet HTML 2Page - NXP Semiconductors BFS17 Datasheet HTML 3Page - NXP Semiconductors BFS17 Datasheet HTML 4Page - NXP Semiconductors BFS17 Datasheet HTML 5Page - NXP Semiconductors BFS17 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
September 1995
4
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
BFS17
Fig.2
DC current gain as a function of
collector current.
VCE = 1 V; Tj =25 °C.
handbook, halfpage
0
100
50
0
10
30
MEA395
20
IC (mA)
hFE
Fig.3
Collector capacitance as a function of
collector-base voltage.
IE =ie = 0; f = 1 MHz; Tj =25 °C.
handbook, halfpage
MEA396
0
2.0
0
1.6
30
1.2
0.4
Cc
(pF)
VCB (V)
10
0.8
20
Fig.4
Transition frequency as a function of
collector current.
VCE = 5 V; f = 500 MHz; Tj =25 °C.
handbook, halfpage
MEA393
010
20
30
2
0
1
IC (mA)
fT
(GHz)
Fig.5
Minimum noise figure as a function of
collector current.
VCE = 5 V; RS =50 Ω; f = 500 MHz; Tj =25 °C.
handbook, halfpage
MEA397
0
10
0
12
48
F
(dB)
5
16
20
IC (mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com