Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM69C433 Datasheet(PDF) 2 Page - Motorola, Inc

Part # SCM69C433
Description  16K x 64 CAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM69C433 Datasheet(HTML) 2 Page - Motorola, Inc

  SCM69C433 Datasheet HTML 1Page - Motorola, Inc SCM69C433 Datasheet HTML 2Page - Motorola, Inc SCM69C433 Datasheet HTML 3Page - Motorola, Inc SCM69C433 Datasheet HTML 4Page - Motorola, Inc SCM69C433 Datasheet HTML 5Page - Motorola, Inc SCM69C433 Datasheet HTML 6Page - Motorola, Inc SCM69C433 Datasheet HTML 7Page - Motorola, Inc SCM69C433 Datasheet HTML 8Page - Motorola, Inc SCM69C433 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MCM69C433
•SCM69C433
2
MOTOROLA FAST SRAM
PIN ASSIGNMENT
71
72
MQ8
VDD
MQ22
69
70
66
67
68
64
65
61
62
63
37 38
34 35 36
42 43
39 40 41
45 46
44
60
59
58
57
56
55
54
53
52
51
31 32 33
74
75
76
77
78
79
80
50
49
48
47
VSS
MQ23
MQ24
MQ26
MQ25
VSS
MQ27
VDD
MQ28
MQ30
MQ29
VDD
MQ7
VDD
MQ3
VSS
MQ6
MQ5
MQ4
VSS
MQ2
MQ1
MQ0
VSS
MC
MQ31
VSS
VPC
VDD
G
MS
IRQ
DTACK
TDO
VDD
VSS
DQ15
VSS
VDD
DQ9
DQ8
DQ14
VSS
VDD
DQ11
DQ10
73
MQ9
94 93
97 96 95
89 88
92 91 90
86 85
87
100 99 98
81
82
83
84
10
9
12
11
15
14
13
17
16
20
19
18
21
22
23
24
25
26
27
28
29
30
7
6
5
4
3
2
1
8
VDD
DQ13
DQ12
VDD
VSS
DQ7
DQ6
TCK
TMS
RESET
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com