Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM69C433 Datasheet(PDF) 21 Page - Motorola, Inc

Part # SCM69C433
Description  16K x 64 CAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM69C433 Datasheet(HTML) 21 Page - Motorola, Inc

Back Button SCM69C433 Datasheet HTML 16Page - Motorola, Inc SCM69C433 Datasheet HTML 17Page - Motorola, Inc SCM69C433 Datasheet HTML 18Page - Motorola, Inc SCM69C433 Datasheet HTML 19Page - Motorola, Inc SCM69C433 Datasheet HTML 20Page - Motorola, Inc SCM69C433 Datasheet HTML 21Page - Motorola, Inc SCM69C433 Datasheet HTML 22Page - Motorola, Inc SCM69C433 Datasheet HTML 23Page - Motorola, Inc SCM69C433 Datasheet HTML 24Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
MCM69C433
•SCM69C433
21
MOTOROLA FAST SRAM
TQ PACKAGE
TQFP
CASE 983A–01
PACKAGE DIMENSIONS
DIM
MIN
MAX
MILLIMETERS
A
–––
1.60
A1
0.05
0.15
A2
1.35
1.45
b
0.22
0.38
b1
0.22
0.33
c
0.09
0.20
c1
0.09
0.16
D
22.00 BSC
E
16.00 BSC
E1
14.00 BSC
e
0.65 BSC
L
0.45
0.75
L1
1.00 REF
L2
0.50 REF
S
0.20
–––
R1
0.08
–––
R2
0.08
0.20
q
0
7
q
0
–––
q
11
13
q
11
13
1
2
3
D1
20.00 BSC
_
_
_
_
_
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M,
1982.
2. DATUM PLANE –H– IS LOCATED AT BOTTOM OF LEAD
AND IS COINCIDENT WITH THE LEAD WHERE THE LEAD
EXITS THE PLASTIC BODY AT THE BOTTOM OF THE
PARTING LINE.
3. DATUMS –A–, –B– AND –D– TO BE DETERMINED AT
DATUM PLANE –H–.
4. DIMENSIONS D AND E TO BE DETERMINED AT SEATING
PLANE –C–.
5. DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25 (0.010)
PER SIDE. DIMENSIONS D1 AND B1 DO INCLUDE MOLD
MISMATCH AND ARE DETERMINED AT DATUM PLANE
–H–.
6. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. DAMBAR PROTRUSION SHALL NOT
CAUSE THE b DIMENSION TO EXCEED 0.45 (0.018).
A–B
0.20 (0.008) H
e
D
A–B
0.20 (0.008) C
D
A–B
0.20 (0.008) C
D
0.10 (0.004) C
0.25 (0.010)
S
0.05 (0.002)
S
A–B
M
0.13 (0.005)
D S
C
e/2
D/2
E
E1
D1
D
D1/2
E1/2
E/2
4X
2X 30 TIPS
2X 20 TIPS
–D–
–B–
–A–
–C–
–H–
q1
q3
q2
q
100
81
80
51
50
31
30
1
PLATING
SECTION B–B
c1
c
b
b1
BASE
METAL
A
SEATING
PLANE
VIEW AB
S
VIEW AB
A2
A1
R1
L2
L
L1
R2
GAGE PLANE
–X–
VIEW Y
B
B
X=A, B, OR D
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com