Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS25A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BFS25A
Description  NPN 5 GHz wideband transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFS25A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BFS25A Datasheet HTML 3Page - NXP Semiconductors BFS25A Datasheet HTML 4Page - NXP Semiconductors BFS25A Datasheet HTML 5Page - NXP Semiconductors BFS25A Datasheet HTML 6Page - NXP Semiconductors BFS25A Datasheet HTML 7Page - NXP Semiconductors BFS25A Datasheet HTML 8Page - NXP Semiconductors BFS25A Datasheet HTML 9Page - NXP Semiconductors BFS25A Datasheet HTML 10Page - NXP Semiconductors BFS25A Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
December 1997
7
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFS25A
Fig.13 Noise circle.
IC = 1 mA; VCE = 1 V;
f = 1 GHz; Zo =50 Ω.
handbook, full pagewidth
MRA076
0
0.2
0.6
0.4
0.8
1.0
1.0
5
2
1
0.5
0.2
0
0.2
0.5
1
2
5
0.2
0.5
2
5
180
°
−135°
−90°
−45°
0
°
45
°
90
°
135
°
stability
circle
F = 6 dB
1
Fmin = 2 dB
ΓOPT
F = 4 dB
F = 3 dB
MSG = 11.1 dB
8 dB
10 dB
Fig.14 Noise circle.
IC = 1 mA; VCE = 1 V;
f = 2 GHz; Zo =50 Ω.
handbook, full pagewidth
MRC051
0
0.2
0.6
0.4
0.8
1.0
1.0
5
2
1
0.5
0.2
0
0.2
0.5
1
2
5
0.2
0.5
2
5
180
°
−135°
−90°
−45°
0
°
45
°
90
°
135
°
F = 6 dB
1
Gmax = 7. 5 dB
F = 4 dB
5 dB
7 dB
3 dB
F = 2.5 dB
Fmin = 2.4 dB
ΓOPT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com