Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS25A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFS25A
Description  NPN 5 GHz wideband transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFS25A Datasheet(HTML) 3 Page - NXP Semiconductors

  BFS25A Datasheet HTML 1Page - NXP Semiconductors BFS25A Datasheet HTML 2Page - NXP Semiconductors BFS25A Datasheet HTML 3Page - NXP Semiconductors BFS25A Datasheet HTML 4Page - NXP Semiconductors BFS25A Datasheet HTML 5Page - NXP Semiconductors BFS25A Datasheet HTML 6Page - NXP Semiconductors BFS25A Datasheet HTML 7Page - NXP Semiconductors BFS25A Datasheet HTML 8Page - NXP Semiconductors BFS25A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
December 1997
3
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFS25A
THERMAL RESISTANCE
Note
1. Ts is the temperature at the soldering point of the collector tab.
CHARACTERISTICS
Tj =25 °C, unless otherwise specified.
Note
1. GUM is the maximum unilateral power gain, assuming S12 is zero and
SYMBOL
PARAMETER
CONDITIONS
THERMAL RESISTANCE
Rth j-s
thermal resistance from junction to
soldering point
up to Ts = 170 °C; note 1
190 K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =5 V
−−
50
nA
hFE
DC current gain
IC = 0.5 mA; VCE = 1 V
50
80
200
Cre
feedback capacitance
IC = 0; VCB = 1 V; f = 1 MHz
−
0.3
0.45
pF
fT
transition frequency
IC = 1 mA; VCE = 1 V; f = 1 GHz;
Tamb =25 °C
3.5
5
−
GHz
GUM
maximum unilateral power gain
(note 1)
IC = 0.5 mA; VCE = 1 V; f = 1 GHz;
Tamb =25 °C
−
13
−
dB
F
noise figure
Γ
s = Γopt;IC = 0.5 mA; VCE =1 V;
f = 1 GHz; Tamb =25 °C
−
1.8
−
dB
Γ
s = Γopt;IC = 1 mA; VCE =1 V;
f = 1 GHz; Tamb =25 °C
−
2
−
dB
G
UM
10 log
S
21
2
1S
11
2
–


1S
22
2
–


--------------------------------------------------------------
dB.
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com