Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA2311-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UA2311-S08-R
Description  16 BITS DIGITAL to ANALOG CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA2311-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UA2311-S08-R Datasheet HTML 1Page - Unisonic Technologies UA2311-S08-R Datasheet HTML 2Page - Unisonic Technologies UA2311-S08-R Datasheet HTML 3Page - Unisonic Technologies UA2311-S08-R Datasheet HTML 4Page - Unisonic Technologies UA2311-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO.,LTD
UA2311
CMOS IC
www.unisonic.com.tw
1
Copyright © 2005 Unisonic Technologies Co.,LTD
QW-R502-043,A
16 BITS DIGITAL to ANALOG
CONVERTER
DESCRIPTION
UTC UA2311 is a 16-bits Digital-to-Analog Converter(DAC)
designed for stereo audio applications and manufactured by
CMOS Technologies with low power consumption It converts the
16 bits serial data into an analog output voltage by an R-string
voltage divider. Each output channel voltage is driven by an
operational amplifier allowing easy analog output. In sound cards
test, the 44.1KHz or higher sampling rate is available.
FEATURES
* CMOS Technology
* Low Power Consumption
* Two Voltage Output Channels in the same chip
* 16-bits Dynamic Range
* Low Total Harmonic Distortion
* 5V(typ.) Single Power Supply
DIP-8
SOP-8
*Pb-free plating product number: UA2311L
PIN DESCRIPTION
PIN NO
PIN NAME
DESCRIPTION
1
BCK
Bit Clock Input
2
WS
Word Select Input
3
DATA
Data Input
4
GND
Ground
5
VDD
Positive Power Supply
6
VOL
Left Channel Output
7
NC
Not Connected
8
VOR
Right Channel Output
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
UA2311-S08-R
UA2311L-S08-R
SOP-8
Tape Reel
UA2311-S08-T
UA2311L-S08-T
SOP-8
Tube
UA2311-D08-T
UA2311L-D08-T
DIP-8
Tube


Similar Part No. - UA2311-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UA2311G-D08-T UTC-UA2311G-D08-T Datasheet
176Kb / 5P
16 BITS DIGITAL to ANALOG CONVERTER
UA2311G-S08-R UTC-UA2311G-S08-R Datasheet
176Kb / 5P
16 BITS DIGITAL to ANALOG CONVERTER
UA2311L-D08-T UTC-UA2311L-D08-T Datasheet
176Kb / 5P
16 BITS DIGITAL to ANALOG CONVERTER
UA2311 UTC-UA2311_15 Datasheet
176Kb / 5P
16 BITS DIGITAL to ANALOG CONVERTER
More results

Similar Description - UA2311-S08-R

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8211 PTC-PT8211 Datasheet
81Kb / 3P
16 Bits Digital-To-Analog Converter IC
PT8215 PTC-PT8215 Datasheet
321Kb / 3P
16 Bits Digital-To-Analog Converter IC?
logo
Burr-Brown (TI)
PCM1725 BURR-BROWN-PCM1725 Datasheet
131Kb / 9P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
logo
List of Unclassifed Man...
ADC812 ETC-ADC812 Datasheet
228Kb / 36P
Analog to Digital Converter 8 canali 12 bits
logo
Burr-Brown (TI)
PCM1726 BURR-BROWN-PCM1726 Datasheet
132Kb / 9P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
16-Bit Analog-to-Digital Converter
logo
Unisonic Technologies
UA2311 UTC-UA2311_15 Datasheet
176Kb / 5P
16 BITS DIGITAL to ANALOG CONVERTER
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com