Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7662ER-L/TR Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP7662ER-L/TR
Description  Wide Input Voltage Range 12A, 300kHz, Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7662ER-L/TR Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP7662ER-L/TR Datasheet HTML 3Page - Sipex Corporation SP7662ER-L/TR Datasheet HTML 4Page - Sipex Corporation SP7662ER-L/TR Datasheet HTML 5Page - Sipex Corporation SP7662ER-L/TR Datasheet HTML 6Page - Sipex Corporation SP7662ER-L/TR Datasheet HTML 7Page - Sipex Corporation SP7662ER-L/TR Datasheet HTML 8Page - Sipex Corporation SP7662ER-L/TR Datasheet HTML 9Page - Sipex Corporation SP7662ER-L/TR Datasheet HTML 10Page - Sipex Corporation SP7662ER-L/TR Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Nov3-06 Rev AE
SP7662 Wide Input Voltage Range 2A, 300kHz Buck Regulator
© 2006 Sipex Corporation
THEORY OF OPERATION
Therefore without external biasing the ViN
start threshold is 9.5V. A small capacitor
mayberequiredbetweenUVINandGNDto
filteroutnoise.ForapplicationswithViN of
5V or 3.3V, connect UVIN directly to ViN. To
program the ViN start threshold, use a pair
of external resistors as shown. If external
resistors are an order of magnitude smaller
than internal resistors, then the ViN start
thresholdisgivenby:
ViN(start) = 2.5 • (R4+R5)/R5
For example, if it is required to have a ViN
startthresholdof7V,thenletR5=5KΩand
using the ViN start threshold equation we get
R4=9.09KΩ.
Thermal and Short-Circuit Protection
Because the SP7662 is designed to drive
largeoutputcurrent,thereisachancethatthe
power converter will become too hot. There-
fore, an internal thermal shutdown (45°C)
has been included to prevent the IC from
malfunctioning at extreme temperatures.
A short-circuit detection comparator has
also been included in the SP7662 to protect
against an accidental short at the output of
the power converter. This comparator con-
stantly monitors the positive and negative
terminals of the error amplifier, and if the
VfB pin falls more than 250mV (typical)
below the positive reference, a short-circuit
fault is set. Because the SS pin overrides the
internal 0.8V reference during soft start, the
SP7662 is capable of detecting short-circuit
faults throughout the duration of soft start as
well as in regular operation.
Over-Current Protection
The Over-current protection feature can
onlybeusedonoutputvoltages≤3.3volts.
It is limited by the common mode rating
of the op-amp used to sense the voltage
across the inductor. Over-current is de-
tected by monitoring a differential voltage
across the output inductor as shown in the
nextfigure.
ISN
SP7662
SWN
ISP
VOUT
L=2.7uH,DCR=4.1mΩ
RS
5.11KΩ
RS2
5.11KΩ
CS
0.uF
CSP
6.8nF
Over-current detection circuit
Inputs to an over-current detection com-
parator, set to trigger at 60 mV nominal, are
connected to the inductor as shown. Since
the average voltage sensed by the com-
parator is equal to the product of inductor
current and inductor DC resistance (DCR),
then IMAx = 60mV / DCR. Solving this equa-
tionforthespecificinductorincircuit1,IMAx
= 4.6A. When IMAx is reached, a 220 ms
time-out is initiated, during which top and
bottom drivers are turned off. Following the
time-out, a restart is attempted. If the fault
condition persists, then the time-out is re-
peated (referred to as hiccup).
Increasing the Current Limit
If it is desired to set IMAx > {60mV / DCR} (in
this case larger than 4.6A), then a resistor
RS3 should be added as shown in the next
figure.RS3 forms a resistor divider and re-
duces the voltage seen by the comparator.
Since:60mV
(IMAx • DCR)
RS3 = {RS + RS2 + RS3}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com