Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7662ER-L/TR Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP7662ER-L/TR
Description  Wide Input Voltage Range 12A, 300kHz, Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7662ER-L/TR Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP7662ER-L/TR Datasheet HTML 4Page - Sipex Corporation SP7662ER-L/TR Datasheet HTML 5Page - Sipex Corporation SP7662ER-L/TR Datasheet HTML 6Page - Sipex Corporation SP7662ER-L/TR Datasheet HTML 7Page - Sipex Corporation SP7662ER-L/TR Datasheet HTML 8Page - Sipex Corporation SP7662ER-L/TR Datasheet HTML 9Page - Sipex Corporation SP7662ER-L/TR Datasheet HTML 10Page - Sipex Corporation SP7662ER-L/TR Datasheet HTML 11Page - Sipex Corporation SP7662ER-L/TR Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Nov3-06 Rev AE
SP7662 Wide Input Voltage Range 2A, 300kHz Buck Regulator
© 2006 Sipex Corporation
SolvingforRS3weget:
RS3 = [60mV • (RS1 + RS2)]
[(IMAx • DCR) – 60mV]
Asanexample:ifdesiredIMAx is 7A, then
RS3 = 63.4KΩ.
RS3
63.4KΩ
CSP
6.8nF
SWN
ISP
ISN
SP7662
CS
0.uF
RS2
5.11KΩ
RS
5.11KΩ
L=2.7uH,DCR=4.1mΩ
VOUT
Over-current detection circuit for
Imax > 60mV / DCR
Decreasing the Current Limit
If it is required to set IMAx < {60mV / DCR,
a resistor is added as shown in the follow-
ing figure. RS3 increases the net voltage
detected by the current-sense comparator.
Voltage at the positive and negative terminal
ofcomparatorisgivenby:
VSP = VOut + (IMAx • DCR)
VSN = VOut •
{RS3 / (RS2 +RS3)}
Sincethecomparatoristriggeredat60mV:
VSP-VSN = 60 mV
Combining the above equations and solv-
ing for RS3:
RS3 =
RS2 •
[VOut- 60mV + (IMAX• DCR)]
60mV - (IMAX • DCR)
Asanexample:forIMAx of 2A and VOut of
3.3V, calculated RS3is1.5MΩ.
CSP
6.8nF
ISN
SP7662
SWN
ISP
CS
0.uF
RS2
5.11KΩ
RS
5.11KΩ
VOUT
L = 2.7uH, DCR = 4.mΩ
RS3
1.5MΩ
Over-current detection circuit for
Imax < {60mV / DCR}
Handling of Faults
Upon the detection of power (UVLO), ther-
mal, or short-circuit faults, the SP7662 is
forced into an idle state where the SS and
COMPpinsarepulledlowandbothswitches
are held off. In the event of UVLO fault, the
SP7662 remains in this idle state until the
UVLO fault is removed. Upon the detection
of a thermal or short-circuit fault, an internal
200ms timer is activated. In the event of a
short-circuit fault, a restart is attempted im-
mediately after the 200ms timeout expires.
Whereas, when a thermal fault is detected
the200msdelaycontinuouslyrecyclesanda
restartcannotbeattempteduntilthethermal
fault is removed and the timer expires.
THEORY OF OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com