Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS520 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFS520
Description  NPN 9 GHz wideband transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFS520 Datasheet(HTML) 5 Page - NXP Semiconductors

  BFS520 Datasheet HTML 1Page - NXP Semiconductors BFS520 Datasheet HTML 2Page - NXP Semiconductors BFS520 Datasheet HTML 3Page - NXP Semiconductors BFS520 Datasheet HTML 4Page - NXP Semiconductors BFS520 Datasheet HTML 5Page - NXP Semiconductors BFS520 Datasheet HTML 6Page - NXP Semiconductors BFS520 Datasheet HTML 7Page - NXP Semiconductors BFS520 Datasheet HTML 8Page - NXP Semiconductors BFS520 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
September 1995
5
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFS520
In Figs 6 to 9, GUM = maximum unilateral power gain;
MSG = maximum stable gain; Gmax = maximum available
gain.
Fig.6
Maximum unilateral power gain as a
function of collector current.
VCE = 6 V; f = 900 MHz; Tamb =25 °C.
handbook, halfpage
MRC027
10
12
14
16
18
20
010
20
30
GUM
(dB)
IC (mA)
3 V
= 6 V
CE
V
Fig.7 Gain as a function of collector current.
VCE = 6 V; f = 2 GHz; Tamb =25 °C.
handbook, halfpage
MRC026
0
5
10
15
20
25
0
102030
MSG
GUM
Gmax
gain
(dB)
IC (mA)
Fig.8 Gain as a function of frequency.
IC = 5 mA; VCE = 6 V; Tamb =25 °C.
handbook, halfpage
MRC024
0
10
20
30
40
50
10−1
10−2
110
f (GHz)
MSG
GUM
Gmax
gain
(dB)
Fig.9 Gain as a function of frequency.
IC = 20 mA; VCE = 6 V; Tamb =25 °C.
handbook, halfpage
MRC025
0
10
20
30
40
50
10−1
10−2
110
f (GHz)
MSG
GUM
Gmax
gain
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com