Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS520 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFS520
Description  NPN 9 GHz wideband transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFS520 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFS520 Datasheet HTML 1Page - NXP Semiconductors BFS520 Datasheet HTML 2Page - NXP Semiconductors BFS520 Datasheet HTML 3Page - NXP Semiconductors BFS520 Datasheet HTML 4Page - NXP Semiconductors BFS520 Datasheet HTML 5Page - NXP Semiconductors BFS520 Datasheet HTML 6Page - NXP Semiconductors BFS520 Datasheet HTML 7Page - NXP Semiconductors BFS520 Datasheet HTML 8Page - NXP Semiconductors BFS520 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
September 1995
2
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFS520
FEATURES
• High power gain
• Low noise figure
• High transition frequency
• Gold metallization ensures
excellent reliability
• SOT323 envelope.
DESCRIPTION
NPN transistor in a plastic SOT323
envelope.
It is intended for wideband
applications such as satellite TV
tuners, cellular phones, cordless
phones, pagers etc., with signal
frequencies up to 2 GHz.
PINNING
PIN
DESCRIPTION
Code: N2
1
base
2
emitter
3
collector
Fig.1 SOT323.
handbook, 2 columns
3
12
MBC870
Top view
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector tab.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−
20
V
VCES
collector-emitter voltage
RBE =0
−−
15
V
IC
DC collector current
−−
70
mA
Ptot
total power dissipation
up to Ts =118 °C; note 1
−−
300
mW
hFE
DC current gain
IC = 20 mA; VCE = 6 V; Tj =25 °C
60
120
250
fT
transition frequency
IC = 20 mA; VCE = 6 V; f = 1 GHz;
Tamb =25 °C
−
9
−
GHz
GUM
maximum unilateral power gain
Ic = 20 mA; VCE = 6 V; f = 900 MHz;
Tamb =25 °C
−
15
−
dB
F
noise figure
Ic = 5 mA; VCE = 6 V; f = 900 MHz;
Tamb =25 °C
−
1.1
1.6
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
20
V
VCES
collector-emitter voltage
RBE =0
−
15
V
VEBO
emitter-base voltage
open collector
−
2.5
V
IC
DC collector current
−
70
mA
Ptot
total power dissipation
up to Ts =118 °C; note 1
−
300
mW
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
−
175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com