Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3DP Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # ES3DP
Description  200 V, 3 A hyperfast PN-rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

ES3DP Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  ES3DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved ES3DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved ES3DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved ES3DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved ES3DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved ES3DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved ES3DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved ES3DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved ES3DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Nexperia
ES3DP
200 V, 3 A hyperfast PN-rectifier
ES3DP
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved
Product data sheet
3 August 2017
3 / 14
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
-
200
V
VR
reverse voltage
-
200
V
VRMS
RMS voltage
Tj = 25 °C
-
140
V
IF
forward current
δ = 1 ; Tsp ≤ 121 °C
-
4.24
A
IF(AV)
average forward current δ = 0.5 ; f = 20 kHz; square wave; Tsp ≤
128 °C
-
3
A
IFSM
non-repetitive peak
forward current
tp = 8.3 ms; Tj(init) = 25 °C; single half sine
wave (applied at rated load condition)
-
60
A
[1]
-
835
mW
Ptot
total power dissipation
Tamb ≤ 25 °C
[2]
-
1.316
W
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com