Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3DP Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # ES3DP
Description  200 V, 3 A hyperfast PN-rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

ES3DP Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button ES3DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved ES3DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved ES3DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved ES3DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved ES3DP Datasheet HTML 10Page - Nexperia B.V. All rights reserved ES3DP Datasheet HTML 11Page - Nexperia B.V. All rights reserved ES3DP Datasheet HTML 12Page - Nexperia B.V. All rights reserved ES3DP Datasheet HTML 13Page - Nexperia B.V. All rights reserved ES3DP Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Nexperia
ES3DP
200 V, 3 A hyperfast PN-rectifier
ES3DP
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved
Product data sheet
3 August 2017
10 / 14
SOD128
Wave soldering footprint information
sod128_fw
occupied area
dummy track (solder resist and Cu free)
solder resist
solder lands
Issue date
Dimensions in mm
17-06-06
17-06-07
4.2
(2×)
5.7
4.35
(2×)
3.5 (2×)
3.65 (2×)
2.3
10.2
5.8
Fig. 17. Wave soldering footprint for CFP5 (SOD128)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com