Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMH Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # AMH
Description  Automotive bolt in fuse
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

AMH Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  AMH Datasheet HTML 1Page - Eaton All Rights Reserved. AMH Datasheet HTML 2Page - Eaton All Rights Reserved. AMH Datasheet HTML 3Page - Eaton All Rights Reserved. AMH Datasheet HTML 4Page - Eaton All Rights Reserved. AMH Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data ELX1217
Effective August 2022
AMH
Automotive bolt in fuse
Product features
•
Small size for high current applications
•
125 Vdc voltage rating
•
Ceramic body with bolt in terminal design
•
UL recognized
Applications
•
High current wire protection
•
Vehicle power distribution
•
Material handling systems
•
Aircraft power distribution
•
All supercapacitor and battery systems
•
High current wire protection
Agency information
•
cURus recognized file:
E91958, guide JFHR2 and JFHR8
Environmental compliance
HALOGEN
HF
FREE
BK-AMH-xxx
Packaging code
Family name
Rated current (Amps)
Ordering part number
Pb
Packaging code
BK - 30 parts per tray
Blank - 1 part per polybag, 10 parts per
inner box


Similar Part No. - AMH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMH461 IRF-AMH461 Datasheet
173Kb / 5P
EMI FILTER HYBRID / HIGH RELIABILITY
AMH461 IRF-AMH461 Datasheet
124Kb / 6P
EMI FILTER HYBRID / HIGH RELIABILITY
AMH461/CH IRF-AMH461/CH Datasheet
173Kb / 5P
EMI FILTER HYBRID / HIGH RELIABILITY
AMH461/ES IRF-AMH461/ES Datasheet
173Kb / 5P
EMI FILTER HYBRID / HIGH RELIABILITY
AMH461/HB IRF-AMH461/HB Datasheet
173Kb / 5P
EMI FILTER HYBRID / HIGH RELIABILITY
More results

Similar Description - AMH

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC798 PICKER-PC798 Datasheet
147Kb / 2P
Automotive Plug-In Relay With Integral Fuse
logo
Littelfuse
04980900ZXT LITTELFUSE-04980900ZXT Datasheet
174Kb / 1P
Bolt-down Fuseholders - Fuseholder for BF1 Style Bolt-down Fuse
0294030.MXJ LITTELFUSE-0294030.MXJ Datasheet
59Kb / 1P
BOLT DOWN HIGH CURRENTCARTRIDGE FUSE
logo
List of Unclassifed Man...
HHC ETC1-HHC Datasheet
299Kb / 2P
Automotive in-line fuse holders
HHL ETC1-HHL Datasheet
225Kb / 2P
Automotive in-line fuse holders
logo
Willow Technologies Ltd
DG4F WILLOW-DG4F Datasheet
298Kb / 3P
mini plug-in automotive relay with fuse
logo
Littelfuse
02981001ZXT LITTELFUSE-02981001ZXT_12 Datasheet
209Kb / 1P
Bolt-down Fuse Holders for MEGA Style Fuse
02981028-BP LITTELFUSE-02981028-BP Datasheet
147Kb / 1P
MEGA짰 FLEX SERIES BOLT-DOWN FUSE HOLDER
080421-A
MIDI498-IL LITTELFUSE-MIDI498-IL Datasheet
168Kb / 1P
32V BOLT-DOWN FUSE HOLDER
2021
logo
Eaton All Rights Reserv...
AMX EATON-AMX Datasheet
1Mb / 5P
Automotive bolt in fuse
August 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com