Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMH Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # AMH
Description  Automotive bolt in fuse
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

AMH Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  AMH Datasheet HTML 1Page - Eaton All Rights Reserved. AMH Datasheet HTML 2Page - Eaton All Rights Reserved. AMH Datasheet HTML 3Page - Eaton All Rights Reserved. AMH Datasheet HTML 4Page - Eaton All Rights Reserved. AMH Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data ELX1217
Effective August 2022
AMH
Automotive bolt in fuse
www.eaton.com/electronics
Electrical characteristics
Amp rating
1.0 In
3.0 In
350 - 500
4 hours minimum
< 10 seconds
Product specifications
Typical cold resistance
Part number
Rated current (A)
Voltage rating (Vdc)
Breaking capacity1
(mOhms)2
AMH-350
350
125
16 kA @ 125 Vdc
20 KA @ 125 Vdc*
0.14
AMH-400
400
125
16 kA @ 125 Vdc
20 KA @ 125 Vdc*
0.125
AMH-500
500
125
16 kA @ 125 Vdc
20 KA @ 125 Vdc*
0.104
1. Self-certified for 20 kA @ 125 Vdc, TC < 2 ms
2. Cold resistance is measured at <10% rated current
Dimensions- mm
Drawing not to scale
Part number
Dimension A (mm)
AMH-XXX
39 +/- 0.3
Recommended torque: M8: 12+/-1 N∙m.
Marking detail
Part number
Marking on body
AMH-350
BUSS
AMH-350
350 A
125 Vdc
cURus
AMH-400
BUSS
AMH-400
400 A
125 Vdc
cURus
AMH-500
BUSS
AMH-500
500 A
125 Vdc
cURus



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com