Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1894-44 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS1894-44
Description  10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1894-44 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS1894-44 Datasheet HTML 9Page - Renesas Technology Corp ICS1894-44 Datasheet HTML 10Page - Renesas Technology Corp ICS1894-44 Datasheet HTML 11Page - Renesas Technology Corp ICS1894-44 Datasheet HTML 12Page - Renesas Technology Corp ICS1894-44 Datasheet HTML 13Page - Renesas Technology Corp ICS1894-44 Datasheet HTML 14Page - Renesas Technology Corp ICS1894-44 Datasheet HTML 15Page - Renesas Technology Corp ICS1894-44 Datasheet HTML 16Page - Renesas Technology Corp ICS1894-44 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
ICS1894-44
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
PHYCEIVER
IDT® 10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
13
ICS1894-44
REV B 030112
If a crystal is used as the clocking source, connect it to both
the REF_IN (pin 37) and REF_OUT (pin 36) pins of the
ICS1894-44. A pair of bypass capacitors on either side of
the crystal are connected to ground. The crystal is used in
the parallel resonance or anti-resonance mode. The value
of the load caps serve to adjust the final frequency of the
crystal oscillation. Typical applications would use 25 pF load
caps. The exact value will be affected by the board routing
capacitance on REF_IN and REF_OUT pins. Smaller load
capacitors raise the frequency of oscillation.
Once the exact value of load capacitance is established it
will be the same for all boards using the same specification
crystal. The best way to measure the crystal frequency is to
measure the frequency of TXCLK (pin 28) using a frequency
counter with a 1 second gate time. Using the buffered output
TXCLK prevents the crystal frequency from being affected
by the measurement. The crystal specification is shown in
the 25MHz Crystal Specification table.
25 MHz Crystal Specification Table
25 MHz Oscillator Specification table
Status Interface
The ICS1894-44 has five multi-function configuration pins
that report the PHY status by providing signals that are
intended for driving LEDs. Configuration is set by Bank0
Register 20.
Specifications
Symbol Minimum
Typical Maximum
Unit
Fundamental Frequency
F0
24.99875 25.00000
25.00125
MHz
Freq. Tolerance
ΔF/f
± 50
ppm
Input Capacitance
Cin
3
pF
Specifications
Symbol Minimum
Typical Maximum
Unit
Output Frequency
F0
24.99875 25.00000
25.00125
MHz
Freq. Stability (including aging)
ΔF/f
± 50
ppm
Duty cycle CMOS level one-half VDD
Tw/T
35
65
%
VIH
2.79
Volts
VIL
0.33
Volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com