Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1894-44 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ICS1894-44
Description  10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1894-44 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ICS1894-44 Datasheet HTML 17Page - Renesas Technology Corp ICS1894-44 Datasheet HTML 18Page - Renesas Technology Corp ICS1894-44 Datasheet HTML 19Page - Renesas Technology Corp ICS1894-44 Datasheet HTML 20Page - Renesas Technology Corp ICS1894-44 Datasheet HTML 21Page - Renesas Technology Corp ICS1894-44 Datasheet HTML 22Page - Renesas Technology Corp ICS1894-44 Datasheet HTML 23Page - Renesas Technology Corp ICS1894-44 Datasheet HTML 24Page - Renesas Technology Corp ICS1894-44 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
ICS1894-44
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
PHYCEIVER
IDT® 10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
21
ICS1894-44
REV B 030112
8.3
Message code field
/Unformatted code field
Bit value depends on the
particular message
Bit value depends on the
particular message
RO
–
0
0
8.2
Message code field
/Unformatted code field
Bit value depends on the
particular message
Bit value depends on the
particular message
RO
–
0
8.1
Message code field
/Unformatted code field
Bit value depends on the
particular message
Bit value depends on the
particular message
RO
–
0
8.0
Message code field
/Unformatted code field
Bit value depends on the
particular message
Bit value depends on the
particular message
RO
–
0
Register
9 through 15 - Reserved by IEEE
Register
16 - Extended Control Register
16.15
Command Override
Write enable
Disabled
Enabled
RW
SC
0
–
16.14
ICS reserved
Reserved
Reserved
RW/0
–
0
16.13
ICS reserved
Reserved
Reserved
RW/0
–
0
16.12
ICS reserved
Reserved
Reserved
RW/0
–
0
16.11
ICS reserved
Reserved
Reserved
RW/0
–
0
–
16.10
PHY Address Bit 4
RO
–
1
16.9
PHY Address Bit 3
RO
–
L
16.8
PHY Address Bit 2
RO
–
L
16.7
PHY Address Bit 1
RO
–
L
–
16.6
PHY Address Bit 0
RO
–
L
16.5
Stream Cipher Test
Mode
Normal operation
Test mode
RW
–
0
16.4
ICS reserved
Read unspecified
Read unspecified
RW/0
–
–
16.3
NRZ/NRZI encoding
NRZ encoding
NRZI encoding
RW
–
1
8
16.2
Transmit invalid codes
Disabled
Enabled
RW
–
0
16.1
ICS reserved
Read unspecified
Read unspecified
RW/0
–
0
16.0
Stream Cipher disable
Stream Cipher enabled
Stream Cipher disabled
RW
–
0
Register
17 - Quick Poll Detailed Status Register
17.15
Data rate
10 Mbps
100 Mbps
RO
–
–
–
17.14
Duplex
Half duplex
Full duplex
RO
–
–
17.13
Auto-Negotiation
Progress Monitor Bit 2
Reference Decode Table
Reference Decode Table
RO
LM
X
0
17.12
Auto-Negotiation
Progress Monitor Bit 1
Reference Decode Table
Reference Decode Table
RO
LM
X
0
Bit
Definition
When Bit = 0
When Bit = 1
Access 2
SF2
Default3
Hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com