Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8430S07I Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS8430S07I
Description  Clock Generator for Cavium Processors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8430S07I Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS8430S07I Datasheet HTML 1Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 2Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 3Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 4Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 5Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 6Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 7Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 8Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
ICS8430S07AKI REVISION A SEPTEMBER 3, 2009
2
©2009 Integrated Device Technology, Inc.
ICS8430S07I Data Sheet
CLOCK GENERATOR FOR CAVIUM PROCESSORS
Block Diagram
25MHz
CLK
nCLK
PLL
OSC
nPLL_SEL
1
0
1
0
25MHz
XTAL_IN
XTAL_OUT
0 = 50.000MHz
1 = 33.333MHz
00 = 133.333MHz
01 = 100.000MHz
10 = 83.333MHz
11 = 125.000MHz
Processor Core Clock
(LVCMOS)
DDR533, DDR400, or
DDR667 Reference
Clock (LVPECL)
125MHz GbE CLK
25MHz GbE CLK
00 = 133.333MHz
01 = 100.000MHz
10 = 66.667MHz
11 = 33.333MHz
PCI or PCI-X Clock
(LVCMOS)
Gigabit Ethernet MAC
Clock (LVCMOS)
\
\ Gigabit Ethernet
/ PHY Clocks
/ (LVCMOS)
nXTAL_SEL
QB
QA
nQA
QC
QD
QREF0
QREF1
QREF2
CORE_SEL
DDR_SEL1:0
PCI_SEL1:0
Clock Output
Control Logic
MR/nOE_REF
PD
PD
PD
PU/PD
PD
PD
PD
PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com