Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8430S07I Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ICS8430S07I
Description  Clock Generator for Cavium Processors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8430S07I Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ICS8430S07I Datasheet HTML 17Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 18Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 19Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 20Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 21Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 22Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 23Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 24Page - Renesas Technology Corp ICS8430S07I Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
ICS8430S07AKI REVISION A SEPTEMBER 3, 2009
21
©2009 Integrated Device Technology, Inc.
ICS8430S07I Data Sheet
CLOCK GENERATOR FOR CAVIUM PROCESSORS
3. Calculations and Equations.
The purpose of this section is to calculate the power dissipation for the LVPECL output pair.
LVPECL output driver circuit and termination are shown in Figure 9.
Figure 9. LVPECL Driver Circuit and Termination
To calculate worst case power dissipation into the load, use the following equations which assume a 50Ω load, and a termination voltage of
VDD – 2V.
•
For logic high, VOUT = VOH_MAX = VDD_MAX – 0.9V
(VDD_MAX – VOH_MAX) = 0.9V
•
For logic low, VOUT = VOL_MAX = VDD_MAX – 1.7V
(VDD_MAX – VOL_MAX) = 1.7V
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = [(VOH_MAX – (VDD_MAX – 2V))/RL] * (VDD_MAX – VOH_MAX) = [(2V – (VDD_MAX – VOH_MAX))/RL] * (VDD_MAX – VOH_MAX) =
[(2V – 0.9V)/50
Ω] * 0.9V = 19.8mW
Pd_L = [(VOL_MAX – (VDD_MAX – 2V))/RL] * (VDD_MAX – VOL_MAX) = [(2V – (VDD_MAX – VOL_MAX))/RL] * (VDD_MAX – VOL_MAX) =
[(2V – 1.7V)/50
Ω] * 1.7V = 10.2mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30mW
V
OUT
V
CC
V
CC - 2V
Q1
RL
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com