Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8530-01 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS8530-01
Description  Low Skew, 1-to16, Differential-to-3.3V LVPECL Fanout Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8530-01 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS8530-01 Datasheet HTML 10Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 11Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 12Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 13Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 14Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 15Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 16Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 17Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ICS8530FY-01 REVISION G NOVEMBER 15, 2012
14
©2012 Integrated Device Technology, Inc.
ICS8530-01 Data Sheet
LOW SKEW, 1-TO-16, DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
Package Outline and Package Dimensions
Package Outline - Y Suffix for 48 Lead LQFP
Table 8. Package Dimensions for 48 Lead LQFP
Reference Document: JEDEC Publication 95, MS-026
JEDEC Variation: BCB - HD
All Dimensions in Millimeters
Symbol
Minimum
Nominal
Maximum
N
48
A
1.60
A1
0.05
0.10
0.15
A2
1.35
1.40
1.45
b
0.17
0.22
0.27
c
0.09
0.20
D & E
9.00 Basic
D1 & E1
7.00 Basic
D2 & E2
5.50 Ref.
e
0.5 Basic
L
0.45
0.60
0.75
0°
7°
ccc
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com