Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8530-01 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS8530-01
Description  Low Skew, 1-to16, Differential-to-3.3V LVPECL Fanout Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8530-01 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS8530-01 Datasheet HTML 1Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 2Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 3Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 4Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 5Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 6Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 7Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 8Page - Renesas Technology Corp ICS8530-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ICS8530FY-01 REVISION G NOVEMBER 15, 2012
2
©2012 Integrated Device Technology, Inc.
ICS8530-01 Data Sheet
LOW SKEW, 1-TO-16, DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 11, 14, 24, 25, 35, 38, 48
VCCO
Power
Output supply pins.
2, 3
Q11, nQ11
Output
Differential output pair. LVPECL interface levels.
4, 5
Q10, nQ10
Output
Differential output pair. LVPECL interface levels.
6, 19, 30, 43
VEE
Power
Negative supply pins.
7, 8
Q9, nQ9
Output
Differential output pair. LVPECL interface levels.
9, 10
Q8, nQ8
Output
Differential output pair. LVPECL interface levels.
12, 13
VCC
Power
Power supply pins.
15, 16
Q7, nQ7
Output
Differential output pair. LVPECL interface levels.
17, 18
Q6, nQ6
Output
Differential output pair. LVPECL interface levels.
20, 21
Q5, nQ5
Output
Differential output pair. LVPECL interface levels.
22, 23
Q4, nQ4
Output
Differential output pair. LVPECL interface levels.
26, 27
Q3, nQ3
Output
Differential output pair. LVPECL interface levels.
28, 29
Q2, nQ2
Output
Differential output pair. LVPECL interface levels.
31, 32
Q1, nQ1
Output
Differential output pair. LVPECL interface levels.
33, 34
Q0, nQ0
Output
Differential output pair. LVPECL interface levels.
36
CLK
Input
Pulldown
Non-inverting differential clock input.
37
nCLK
Input
Pullup
Inverting differential clock input.
39, 40
Q15, nQ15
Output
Differential output pair. LVPECL interface levels.
41, 42
Q14, nQ14
Output
Differential output pair. LVPECL interface levels.
44, 45
Q13, nQ13
Output
Differential output pair. LVPECL interface levels.
46, 47
Q12, nQ12
Output
Differential output pair. LVPECL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
3pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com