Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1DDF-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SF1DDF-13
Description  1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SF1DDF-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  SF1DDF-13 Datasheet HTML 1Page - Diodes Incorporated SF1DDF-13 Datasheet HTML 2Page - Diodes Incorporated SF1DDF-13 Datasheet HTML 3Page - Diodes Incorporated SF1DDF-13 Datasheet HTML 4Page - Diodes Incorporated SF1DDF-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SF1DDF-SF1JDF
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Product Summary (@ TA = +25°C)
VRRM (V)
IO (A)
VF Max (V)
IR Max (µA)
600
1
1.7
5
400
1
1.3
5
200
1
0.98
5
Description and Applications
The SF1xDF is a rectifier packaged in D-FLAT and is suited as a
boost diode in power factor correction circuitry. For use in secondary
rectification and freewheeling for superfast switching speed AC-DC
and DC-DC converters in high-temperature conditions for consumer
applications.
•
DC-DC Converters
•
AC-DC Adaptors/Chargers
•
Inverters
Features and Benefits
•
Low Profile, Small Form Factor Package
•
Low Leakage Current
•
Glass Passivated for High Reliability
•
Superfast Recovery Times for High Efficiency
•
Low Forward Voltage, Low Power Loss
•
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
•
Case: D-FLAT
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
•
Polarity: Cathode Band
•
Weight: 0.062 grams (Approximate)
Ordering Information (Note 4)
Part Number
Qualification
Case
Packaging
SF1JDF-13
Commercial
D-FLAT
10,000/Tape & Reel
SF1GDF-13
Commercial
D-FLAT
10,000/Tape & Reel
SF1DDF-13
Commercial
D-FLAT
10,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
D-FLAT
Top View
Green
D-FLAT
Schematic View
SF1x = Product Type Marking Code (ie. SF1J for
SF1JDF, SF1G for SF1GDF, SF1D for SF1DDF)
= Manufacturers’ Code Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 6 for 2016)
WW = Week Code (01 to 53)
AB = Foundry and Assembly Code
e3
SF1DDF-SF1JDF
Document number: DS39431 Rev. 2 - 2
1 of 5
www.diodes.com
November 2018
© Diodes Incorporated


Similar Part No. - SF1DDF-13

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SF1D SSE-SF1D Datasheet
17Kb / 1P
SURFACE MOUNT SUPER FAST SWITCHING RECTIFIER
logo
ML Accessories Limited....
SF1DIMBN KNIGHTSBRIDGE-SF1DIMBN Datasheet
134Kb / 1P
1G Dimmer Plate with Matching Metal Dimmer Cap
03/04/2024
SF1DIMMBB KNIGHTSBRIDGE-SF1DIMMBB Datasheet
140Kb / 1P
1G Dimmer Plate with Matching Metal Dimmer Cap -Matt Black
01/04/2024
SF1DIMMW KNIGHTSBRIDGE-SF1DIMMW Datasheet
119Kb / 1P
1G Dimmer Plate with Matching Metal Dimmer Cap -Matt White
29/03/2024
SF1DIMPB KNIGHTSBRIDGE-SF1DIMPB Datasheet
198Kb / 1P
1G Dimmer Plate with Matching Metal Dimmer Cap
05/04/2024
More results

Similar Description - SF1DDF-13

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER1A WTE-ER1A Datasheet
51Kb / 3P
1.0A SURFACE MOUNT SUPER FAST RECTIFIER
ES1A WTE-ES1A Datasheet
51Kb / 3P
1.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
MURS120 DIODES-MURS120 Datasheet
59Kb / 3P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30179 Rev. 3 - 2
DFLU1200 DIODES-DFLU1200 Datasheet
112Kb / 3P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30601 Rev. 2 - 2
logo
TAITRON Components Inco...
ES1A TAITRON-ES1A Datasheet
240Kb / 4P
1.0A Surface Mount Super Fast Rectifier
logo
Diodes Incorporated
ES1A DIODES-ES1A_10 Datasheet
121Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14001 Rev. 15 - 2
MURS140 DIODES-MURS140_10 Datasheet
131Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev. 10 - 2 September 2010
ES1B-13-F DIODES-ES1B-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 16
ES1D-13-F DIODES-ES1D-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 16
logo
SUNMATE electronic Co.,...
MURA115 SUNMATE-MURA115 Datasheet
162Kb / 3P
1.0A Surface Mount Super Fast Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com