Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2DDF-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SF2DDF-13
Description  2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SF2DDF-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  SF2DDF-13 Datasheet HTML 1Page - Diodes Incorporated SF2DDF-13 Datasheet HTML 2Page - Diodes Incorporated SF2DDF-13 Datasheet HTML 3Page - Diodes Incorporated SF2DDF-13 Datasheet HTML 4Page - Diodes Incorporated SF2DDF-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SF2DDF-SF2JDF
Document number: DS38060 Rev. 6 - 2
1 of 5
www.diodes.com
January 2019
© Diodes Incorporated
SF2DDF-SF2JDF
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Product Summary (@ TA = +25°C)
VRRM (V)
IO (A)
VF Max (V)
IR Max (µA)
600
2
1.7
5
400
2
1.3
5
200
2
1.1
5
Description and Applications
The SF2xDF is a rectifier packaged in the D-FLAT package and is
suited as a boost diode in power factor correction circuitry. For use in
secondary rectification and freewheeling for superfast switching
speed AC-DC and DC-DC converters in high-temperature conditions
for consumer applications.
DC-DC Converters
AC-DC Adaptors/Chargers
Inverters
Features and Benefits
Low Profile, Small Form Factor Package
Low Leakage Current
Glass Passivated for High Reliability
Superfast Recovery Times for High Efficiency
Low Forward Voltage, Low Power Loss
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: D-FLAT
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.0354 grams (Approximate)
Ordering Information (Note 4)
Part Number
Qualification
Case
Packaging
SF2JDF-13
Commercial
D-FLAT
10,000/Tape & Reel
SF2GDF-13
Commercial
D-FLAT
10,000/Tape & Reel
SF2DDF-13
Commercial
D-FLAT
10,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-free/ for more information about
Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
D-FLAT
Top View
Green
D-FLAT
Schematic View
E2x = Product Type Marking Code (ie. E2J for
SF2JDF, E2G for SF2GDF, E2D for SF2DDF)
= Manufacturers’ Code Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 9 for 2019)
WW = Week Code (01 to 53)
AB = Foundry and Assembly Code


Similar Part No. - SF2DDF-13

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
SF2D-DC12V NAIS-SF2D-DC12V Datasheet
244Kb / 5P
POLARISED, MONOSTABLE SAFETY RELAY
SF2D-DC24V NAIS-SF2D-DC24V Datasheet
244Kb / 5P
POLARISED, MONOSTABLE SAFETY RELAY
SF2D-DC48V NAIS-SF2D-DC48V Datasheet
244Kb / 5P
POLARISED, MONOSTABLE SAFETY RELAY
SF2D-DC5V NAIS-SF2D-DC5V Datasheet
244Kb / 5P
POLARISED, MONOSTABLE SAFETY RELAY
SF2D-DC60V NAIS-SF2D-DC60V Datasheet
244Kb / 5P
POLARISED, MONOSTABLE SAFETY RELAY
More results

Similar Description - SF2DDF-13

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER2A WTE-ER2A Datasheet
51Kb / 3P
2.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
ES2A DIODES-ES2A Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
ES2G DIODES-ES2G Datasheet
57Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30212 Rev. A-2
ES2A_ DIODES-ES2A_ Datasheet
501Kb / 3P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. 10 - 2
ES2G DIODES-ES2G_1 Datasheet
193Kb / 3P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30212 Rev. 6 - 2
ES2A DIODES-ES2A_10 Datasheet
120Kb / 4P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. 12 - 2
ES2G DIODES-ES2G_10 Datasheet
123Kb / 4P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev. 8 - 2 September 2010
ES2AA DIODES-ES2AA_10 Datasheet
120Kb / 4P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 12
ES2B-13-F DIODES-ES2B-13-F Datasheet
120Kb / 4P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev 12
ES2G DIODES-ES2G_15 Datasheet
123Kb / 4P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev erse
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com