Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM-MBWHA621 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ARM-MBWHA621
Description  Innovative 11.6" Healthcare Information Terminal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARM-MBWHA621 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ARM-MBWHA621 Datasheet HTML 1Page - Advantech Co., Ltd. ARM-MBWHA621 Datasheet HTML 2Page - Advantech Co., Ltd. ARM-MBWHA621 Datasheet HTML 3Page - Advantech Co., Ltd. ARM-MBWHA621 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
HIT-512
Dimensions
Unit: mm [inch]
4.99
75.00
296.01±0.50
33.40±0.50
DeviceOn/iService Specifications
DeviceOn/iService Remote
Device Management
Operating System
Windows 10
Android 8
Common Controls (Reboot, Shutdown)
Remote desktop
(VNC)
(VNC)
Device-Specific Controls (Audio, Backlight)
*
*
Connection Status
Hardware Status
*
*
Hard Disk Status
*
Batch Operation Support
OTA Storage Management
FTP
Local blob
OTA Software Updates
Software Watchlist
Software Start/Stop
*
Kiosk Mode
Peripherals Watchlist
*
*
Note: DeviceOn/iService software must be downloaded from the Advantech website at https://www.advantech.com/search/?q=DeviceOn%2FiService&st=support&sst=Utility
Power Supply
AC/DC Adapter
ITE or Medical Grade
Input Voltage
100 ~ 240VAC, 1.1 ~ 0.45A @ 47 ~ 63Hz
Output Voltage
ITE: 12VDC 3.0A
Medical: 12VDC 5.42
Environment
Operating Temperature
0 ~ 35 °C
IP Rating
IP65 front panel
Vibration
1G
Shock
10G Peak Acceleration (11ms duration)
EMC & Safety Cert.
CE, FCC, CCC, EN 60601-1, ITE 62368
*Dependant on device model
Specifications (Cont.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com