Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM-MBWHA621 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ARM-MBWHA621
Description  Innovative 11.6" Healthcare Information Terminal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARM-MBWHA621 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ARM-MBWHA621 Datasheet HTML 1Page - Advantech Co., Ltd. ARM-MBWHA621 Datasheet HTML 2Page - Advantech Co., Ltd. ARM-MBWHA621 Datasheet HTML 3Page - Advantech Co., Ltd. ARM-MBWHA621 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Healthcare Information Terminals
Features
HIT-512
Innovative 11.6" Healthcare Information
Terminal
ƒ
Innovative and ultra-slim design for healthcare and hospitality applications
ƒ
All-in-one computer with Intel® Apollo Lake CPU
ƒ
IP65 rated front panel
ƒ
Supports M.2 2230 WiFi / BT modules and M.2 2242 SSDs
ƒ
Supports RFID/NFC/Web Camera/Smart Card Reader
ƒ
Supports LED indicator
ƒ
Rich optional peripherals – Handset, Smart Card Reader, PoE, RFID(HID),
MSR
ƒ
Supports 75x75mm VESA mount
ƒ
Dual certification (Medical and ITE)
ƒ
Equipped with DeviceOn/iService software for remote device management
Introduction
HIT-512 is an 11.6" all-in-one infotainment terminal for healthcare and iServices. It is powered by the Intel Apollo Lake processor that supports Windows, Android, and Linux operating
systems. The HIT-512 can be used for communication between family members via webcam, WiFi, and Ethernet network connectivity. It can also be used to authenticate hospital staff
and patients through RFID and Smart Card Reader modules. HIT-512 is ideal for applications within hospitals, such as nurse calls or bedside information terminals. It is also suitable
for other healthcare-related environments such as treatment centers, eldercare, and fitness centers.
Moreover, HIT-512 is equipped with Advantech’s DeviceOn/iService software, which is a next-generation unified device management solution based on the WISE-DeviceOn platform.
With support for batch operations and multi-device control, DeviceOn/iService enables easy device configuration and deployment for convenient remote device management.
Specifications
Hardware
CPU
Intel® Apollo Lake J3455 (2M Cache, up to 2.3 GHz)
Memory
DDR3L x 1, up to 8GB (Default 4GB)
Primary Storage
M.2 2242 SSD (Default 64GB)
Camera
2MP CMOS
Display
Size
11.6" W TFT LED
Max Resolution
1366 x 768
Luminance
250 cd/m2
Contrast Ratio
500:1
Touchscreen
Type
Projected Capacitive
I/O Ports
USB 3.0
2
HDMI
1
DC-in w/ lock
1
Audio Jack (TRRS)
1
Handset Out (RJ12)
1
Com-port
1
Power Button
1
Audio
Speaker
2 Watt x 2
Internal Microphone
1 (bottom side)
Network
LAN
RJ45 (10/100/1000 Mbit) x 1
Bluetooth
BT 4.1 (Default Module)
WLAN
802.11 a/b/g/n/ac (Default Module)
Software
OS
Win 10 IoT 64bit /Android 8.1/Linux (by project base)
Mechanical
Mounting
VESA 75 x 75 mm
Dimensions ( W x H x D)
296 x 190 x 33.4 mm
Weight
Net Weight (w/o adapter): 2.2lb, 1.2kg
Weight: 1.5 kg
Optional
Camera
Optional (Embedded module)
2nd Smart Card Reader
Optional (Add-on Module)
Handset
Optional (Add-on Module)
Barcode Scanner
Optional (Add-on Module)
Smart Card Reader
Optional (Add-on Module)
RFID/NFC
Optional (Add-on Module)
PoE
Optional
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 10-Sep-2021


Similar Part No. - ARM-MBWHA621

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARM-MBWHA621 ADVANTECH-ARM-MBWHA621 Datasheet
653Kb / 4P
10.1" Healthcare/Hospitality Information Terminal
10-Sep-2021
More results

Similar Description - ARM-MBWHA621

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
HIT-W121-HSKE ADVANTECH-HIT-W121-HSKE Datasheet
943Kb / 2P
11.6 Healthcare/Hospitality Infotainment Terminal with Intel짰 Atom??N450/D510 Processors
HIT-W101C ADVANTECH-HIT-W101C Datasheet
370Kb / 2P
10.1' Healthcare/Hospitality Information Terminal
HIT-W121 ADVANTECH-HIT-W121 Datasheet
943Kb / 2P
11.6' Healthcare/Hospitality Infotainment Terminal with Intel Atom N450/D510 Processors
HIT-W121B ADVANTECH-HIT-W121B Datasheet
1Mb / 2P
11.6' Healthcare/Hospitality Infortainment Terminal
HIT-W222H ADVANTECH-HIT-W222H Datasheet
671Kb / 2P
21.5' Healthcare Information Terminal
HIT-W101C ADVANTECH-HIT-W101C_V01 Datasheet
605Kb / 4P
10.1 Healthcare/Hospitality Information Terminal
10-Sep-2021
HIT-W153 ADVANTECH-HIT-W153 Datasheet
941Kb / 2P
Innovative 15.6 Healthcare/Hospitality Information Terminal
12-Mar-2018
HIT-W183 ADVANTECH-HIT-W183 Datasheet
998Kb / 2P
Innovative 18.5 Healthcare/Hospitality Information Terminal
9-Feb-2018
HIT-507 ADVANTECH-HIT-507 Datasheet
605Kb / 2P
7" Healthcare Information Terminal
3-Jun-2020
HIT-W101L ADVANTECH-HIT-W101L Datasheet
653Kb / 4P
10.1" Healthcare/Hospitality Information Terminal
10-Sep-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com