Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APLR Datasheet(PDF) 1 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

Part # APLR
Description  Non-Inductive High Energy Anti-Pulse Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RESI [C&B ELECTRONICS (SHENZHEN) CO., LTD]
Direct Link  https://en.resistor.today/
Logo RESI - C&B ELECTRONICS (SHENZHEN) CO., LTD

APLR Datasheet(HTML) 1 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

  APLR Datasheet HTML 1Page - C&B ELECTRONICS (SHENZHEN) CO., LTD APLR Datasheet HTML 2Page - C&B ELECTRONICS (SHENZHEN) CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Non-inductive high energy anti-pulse resistors, small size
high humidity resistance, high reliabilitySingle pulse energy up to 1000J
suitable for high pulse and high energy applications such as capacitor
charging and discharging
Introduction
Programmable
Power Supply
Pre-charging Resistor
Energy Storage
Capacitor
Switch
Drainage Resistor
1
2
Resistor Pulse Test Schematics
Resistance
Rated Power
(70℃)
Model
D
Size(mm)
A
B
C
Specifications&Dimensions
D
A
B
C
①
Peak Energy
②
Peak Voltage
Tolerance
6W
1000J
52±1.5
8.5±1.0
1.0±0.05
36±0.2
6W
1000J
6W
6W
1000J
1000J
6W
1000J
6W
1000J
6W
6W
1000J
1000J
6W
1000J
APLR1000K20R0SE
APLR1000K50R0SE
APLR1000K100RSE
APLR1000K150RSE
APLR1000K200RSE
APLR1000K300RSE
APLR1000K500RSE
APLR1000K1K00SE
APLR1000K2K00SE
APLR1000K3K30SE
APLR1000K4K70SE
APLR1000K10K0SE
52±1.5
8.5±1.0
1.0±0.05
36±0.2
52±1.5
8.5±1.0
1.0±0.05
36±0.2
52±1.5
8.5±1.0
1.0±0.05
36±0.2
52±1.5
8.5±1.0
1.0±0.05
36±0.2
52±1.5
8.5±1.0
1.0±0.05
36±0.2
52±1.5
8.5±1.0
1.0±0.05
36±0.2
52±1.5
8.5±1.0
1.0±0.05
36±0.2
52±1.5
8.5±1.0
1.0±0.05
36±0.2
52±1.5
8.5±1.0
1.0±0.05
36±0.2
52±1.5
8.5±1.0
1.0±0.05
36±0.2
52±1.5
8.5±1.0
1.0±0.05
36±0.2
6W
6W
6W
1000J
1000J
1000J
150
200
300
500
1k
2k
3.3k
4.7k
10k
400V
700V
1000V
1500V
1900V
2500V
3500V
5000V
5000V
5000V
5000V
5000V
Note:
①Peak energy may vary under different working conditions.
②Peak voltage is related to peak energy, please contact us for confirmation of higher peak voltage.
APLR series non-inductive high energy anti-pulse resistors are made of
special self-developed resistive materials and are suitable for high energy
and high pulse environments, and are non-inductance, small size, high
humidity resistance and high reliability. Typical applications are in medical
instruments, high voltage power supplies, automotive electronics, etc.
The resistor anti-pulse test is based on the first order capacitor charging and
discharging principle, as Figure 1 shows. The programmable power supply U
firstly charges the energy storage capacitor C through the pre-charge resistor
Rc. When the voltage across the capacitor C reaches the specified voltage,
the pulse energy release to the release resistor Rd begins. The energy
release process is the inverse of the energy pre-charge process. This test
uses the APLR series resistor as the release resistor for the pulse test, and
the pulse type through the release resistor is a high voltage spike pulse,
which is equivalent to a rectangular wave pulse.
Non-Inductive High Energy Anti-Pulse Resistors
Datasheet no. E05014
Ver V0
Date 2022/7/28
No.:
E28001Version:
V0
Date:
2021/05/19
C&B Electronics Shenzhen Co.,Ltd|
| resi@cbeureka.com | Tel:0755-83981080/83981010
www.resistor.today
APLR
±5%,±10%
±5%,±10%
±5%,±10%
±5%,±10%
±5%,±10%
±5%,±10%
±5%,±10%
±5%,±10%
±5%,±10%
±5%,±10%
±5%,±10%
±5%,±10%
100
50
20


Similar Part No. - APLR

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APLR1984 ASB-APLR1984 Datasheet
176Kb / 1P
PLL Synthesizer Module
June 2010
APLR1984 ASB-APLR1984_13 Datasheet
148Kb / 1P
PLL Synthesizer Module
June 2010
More results

Similar Description - APLR

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
3R-100 WILLOW-3R-100 Datasheet
812Kb / 2P
100Watt Mountable Non-Inductive,High Frequency Resistors
ET70 WILLOW-ET70 Datasheet
869Kb / 2P
Metal Composite Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
PK2 WILLOW-PK2 Datasheet
936Kb / 2P
Pulstors Resistors for high voltage peak pulsing energy control , high frequency non-inductive
UT20 WILLOW-UT20 Datasheet
864Kb / 2P
Thicker Film Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
logo
Token Electronics Indus...
KNPN-1001W0R1FTB TOKEN-KNPN-1001W0R1FTB Datasheet
419Kb / 3P
KNPN Non-inductive Resistors
logo
List of Unclassifed Man...
TPL250 ETC-TPL250 Datasheet
2Mb / 1P
Chassis mounting non-inductive high power resistors
TPL1200 ETC-TPL1200 Datasheet
2Mb / 1P
Chassis mounting non-inductive high power resistors
logo
Token Electronics Indus...
RCR TOKEN-RCR Datasheet
419Kb / 5P
Pulse Load Anti-Surge Resistors
RFM TOKEN-RFM Datasheet
439Kb / 5P
Non-Inductive High Frequency Melf Resistors
RGM TOKEN-RGM Datasheet
425Kb / 5P
Anti-Surge Pulse Load Melf Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com