Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APLR Datasheet(PDF) 2 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

Part # APLR
Description  Non-Inductive High Energy Anti-Pulse Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RESI [C&B ELECTRONICS (SHENZHEN) CO., LTD]
Direct Link  https://en.resistor.today/
Logo RESI - C&B ELECTRONICS (SHENZHEN) CO., LTD

APLR Datasheet(HTML) 2 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

  APLR Datasheet HTML 1Page - C&B ELECTRONICS (SHENZHEN) CO., LTD APLR Datasheet HTML 2Page - C&B ELECTRONICS (SHENZHEN) CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Performance
Test
Performance
Operating Temp. Range
Standard TCR
Short Time Overload
Load Life
Thermal Shock
Moisture Resistance
High Temp. Storage
-55°C~+125°C,+25°C Ref
10x rated power,10 times cycles,
5s ON,90s OFF
+70°C,rated power for 1000h
-55°C to+125°C,10 times cycles
MIL-STD-202 Method 106
+125°Cfor 1000h
Different packaging materials,
different operating temperature ranges
Test method
Epoxy Coating:
-55°C~+125°C
Silicone Coating:
-55°C~+175°C
±200ppm/°C
△R≤±0.5%
△R≤±2%
△R≤±0.5%
Epoxy Coating:
△R≤±0.5%
Silicone Coating:
△R≤±2%
△R≤±0.5%
Ambient Temperature℃
100
80
60
40
20
0
25
75
125
70℃
Derating Curve
175
---- Epoxy
Silicone
Item
Type
Anti-Pulse Capability
Reliability
Inductance
Moisture Resistance
Long-Term Stability
Price
Volume
Comparison of Performance among Pre-Charging Resistors
Part Number Information
Series
APLR1000
Tolerance
Coating
Resistance
20R0=20
100R=100
1K00=1K
10K0=10K
Example:APLR1000K50R0SE ( 50Ω±10% ±200ppm/°C Epoxy Coating )
A
P
L
R
1
0
0
0
K
5
0
R
0
S
E
K=10%
J=±5%
TCR
S=±200ppm/°C
E=Epoxy
S=Silicone
Wirewound Resistor
Film Resistor
Solid Ceramic Resistor
RESI Proprietary Materials Technology
Average
Poor
Positive
Various
Large
Average
Average
Average
Poor
Positive
Poor
Poor
Low
Large
Excellent
Good
Negative
Poor
Good
High
Small
Moderate
Excellent
Excellent
Negative
Excellent
Excellent
Low
Non-Inductive High Energy Anti-Pulse Resistors
Datasheet no. E05014
Ver V0
Date 2022/7/28
No.:
E28001Version:
V0
Date:
2021/05/19
C&B Electronics Shenzhen Co.,Ltd|
| resi@cbeureka.com | Tel:0755-83981080/83981010
www.resistor.today
APLR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com