Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM Datasheet(PDF) 2 Page - ITT Industries

Part # ESM
Description  Single and Double Switch Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ESM Datasheet(HTML) 2 Page - ITT Industries

  ESM Datasheet HTML 1Page - ITT Industries ESM Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
E-15
ESM and DSM Single and Double Switch Modules
Dimensional Drawings
Ordering code
12
3
4
5
6
7
8
9
10
Example:
ESM K12A
1
5N
1M
C
GN
L130
WH POPU
1
Designation:
ESM = Single module
DSM = Double module
2
Switch: K12, only for DSM: K12G, only for ESM: PVA1H4
3
Travel of K12: 1 mm (0.039 inch),
of K12G: 1.5 mm (0.059 inch), of PVA1H4: 2.2 mm (0.087 inch)
4
Operating force of K12: 5N (500 grams),
of K12G (with 2 snap points: 3.5N/7N (350 and 700 grams),
of PVA1H4: 3N (300 grams)
5
Module type: Single module 1M double module: 2M:
double module: 2M (1), only one K12 in position 1 assembled
double module: 2M (2), only one K12 in position 2 assembled
6
Cap: blank: without, C: with cap
7
Cap color blank: Standard (black), RD: red, GN: Green
8
Cable length: = cm e.g. 130
9
Cable color blank: Standard (ESM: BK, YE, DSM: BK, YE, BU)
10
Standard graphics: ESM: upon request
DSM: see code in table above
Code for
Symbol
graphics on DSM
1
BA
2A B
3
CD
Protection
optionally
stripped
optionally flat plugs
or plug-in sleeves
according to
DIN 46 343
edge for
sealing at
the front
panel
circuit diagram
optionally for
graphics
Protection
optionally stripped
optionally
flat plugs
or plug-in
sleeves
according
to
DIN 46 343
edge for sealing
at the front panel
circuit diagram
Protection
optionally
stripped
optionally flat plugs
or plug-in sleeves
according to
DIN 46 343
edge for sealing
at the front panel
circuit diagram
WH (white) RAL 9001
standard graphics
ESM Single
Switch Module
with K12
DSM Double
Switch Module:
with K12A
ESM Single
Switch Module
with PVA1H4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com