Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM Datasheet(PDF) 1 Page - ITT Industries

Part # ESM
Description  Single and Double Switch Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ESM Datasheet(HTML) 1 Page - ITT Industries

  ESM Datasheet HTML 1Page - ITT Industries ESM Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
E-14
ESM and DSM Single and Double Switch Modules
Technical data
Material of caps
Silicone rubber
Density
IP 60 (dust tight) to IP 65 (dust tight and
protected against water jets)
acc. to IEC 529 due to design
Sealed against
Dust, water, drinks (Cola), oils, solvents, etc.
Cable
FLK-R/FLY 0.5 mm2
further connections upon request
Graphics
Arrows: see drawing; other upon request
Switches
K12A, K12G or PVA1H4
further details of these switches:
see the K12 section in this catalog
The single switch module ESM and the
double switch module DSM are ready-
to-be-installed units, consisting of:
Switch: K12, K12G or PVA1H4;
the K12G switch has two snap-points
and can only be used in DSM.
PVA1H4 only to be used in ESM.
PC board
Rubber cap
Optional cable or connector
The rubber cap offers the possibility to
use the switch modules, ESM and DSM,
under severe ambient conditions where
dust, water, oil, solvents can effect or
destroy the function of switches. With
the rubber cap, the two modules are
sealed: IP 60 (dust tight) to IP 65 (dust
tight and protected against water jets)
according to DIN/IEC 529. This is the
reason these single or double modules
are used in panels and control grips.
ITT Cannon Switch Products offers the
single and double switch modules as
well as complete panels and Multi-Func-
tion Grips equipped with these switch
modules.
Applications
Tractors
Harvesting equipment
Industrial controls
Standard features are:
Travel
Operating force
K12
1 mm (0.039 inch)
5N (500 grams)
K12G with two snap point:
1.5 mm (0.0591 inch)
3.5N and 7N
only for DSM
(350 grams and 700 grams)
PVA1H4: only for ESM
2.2 mm (0.087 inch)
3N (300 grams)
Ordering code: see next page


Similar Part No. - ESM

ManufacturerPart #DatasheetDescription
logo
C&K Components
ESM CK-COMPONENTS-ESM Datasheet
170Kb / 2P
Single & Double Switch Modules
logo
Inventronics Inc.
ESM-075S105DX INVENTRONICS-ESM-075S105DX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
ESM-075S150DX INVENTRONICS-ESM-075S150DX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
ESM-075S210DX INVENTRONICS-ESM-075S210DX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
ESM-075SXXXDX INVENTRONICS-ESM-075SXXXDX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
More results

Similar Description - ESM

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6912 MICRONETICS-6912 Datasheet
37Kb / 1P
SINGLE POLE, DOUBLE THROW COMMERCIAL MICROSTRIP MODULES
logo
Texas Instruments
SN74LVC1G3157 TI-SN74LVC1G3157_07 Datasheet
932Kb / 23P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
logo
C&K Components
ESM CK-COMPONENTS-ESM Datasheet
170Kb / 2P
Single & Double Switch Modules
logo
Pasternack Enterprises,...
PE71S6053 PASTERNACK-PE71S6053 Datasheet
384Kb / 4P
Single Pole Double Throw Relay Switch
logo
Cherry Semiconductor Co...
KGC2ANB1BBD CHERRY-KGC2ANB1BBD Datasheet
275Kb / 2P
Sealed Rocker Switch Single and Double Pole
KMD2AMB7BBBNR1 CHERRY-KMD2AMB7BBBNR1 Datasheet
278Kb / 2P
Sealed Rocker Switch Single and Double Pole
KSF2ANB1BBD CHERRY-KSF2ANB1BBD Datasheet
312Kb / 2P
Sealed Rocker Switch Single (and Double)1 Pole
RRA22H3BBBNN CHERRY-RRA22H3BBBNN Datasheet
330Kb / 2P
Rocker Switch Single and Double Pole
logo
ZF Friedrichshafen AG
D413-R1AA-G2 ZFSWITCHES-D413-R1AA-G2 Datasheet
306Kb / 2P
Single and Double Pole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com