Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H2011UTF8WCNQ2 Datasheet(PDF) 4 Page - ITT Industries

Part # H2011UTF8WCNQ2
Description  4 & 6 Tumbler Power Switchlocks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

H2011UTF8WCNQ2 Datasheet(HTML) 4 Page - ITT Industries

  H2011UTF8WCNQ2 Datasheet HTML 1Page - ITT Industries H2011UTF8WCNQ2 Datasheet HTML 2Page - ITT Industries H2011UTF8WCNQ2 Datasheet HTML 3Page - ITT Industries H2011UTF8WCNQ2 Datasheet HTML 4Page - ITT Industries H2011UTF8WCNQ2 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
M
M–42
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
All models
with all options when ordered with ‘Q’ contact material.
CONTACT MATERIAL
.136 DIA.
(3,45)
S
PaT
N
5
6
3
6
5
o
.655
(16,62)
.225
(5,72)
.100
(2,54)
.034
(0,86)
.468
(11,88)
.965
(24,51)
.688
(17,46)
1.000
(25,40)
.500
(12,70)
.470
(11,94)
.105
(2,67)
1.047
(26,59)
PANEL MOUNTING
N
WITH NUT
D
WITH CLIP
Switch and Lock Assembly Instructions
1. Place lock assembly in mounting hole on panel,
secure with mounting nut.
2. Align keying tab on switch assembly with keying slot
on lock assembly.
3. Snap assemblies together.
4. Switch installation is permanent. Switch cannot be
removed from lock after assembly. Attempting to separate
switch and lock may cause damage to switchlock.
1 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate.
2 CONTACTS & TERMINALS: Copper, silver plated.
D
.065-.085 (1,65-2,16)
N
.195 (4,95) max.
PANEL THICKNESS
MOUNTING
STYLES
Nut part number: 175050700
Clip part number: 906B00000
C&K H Series
4 & 6 Tumbler Power Switchlocks
MOUNTING/LOCK STYLE
* Note: See Technical Data section of this catalog for RoHS compliant and compatible
definition and specifications.
CONTACT AND
OPTION
CODE
TERMINAL MATERIAL
RATING
Q
12 AMPS @ 125 V AC; 6 AMPS @ 250 V AC;
LOW LEVEL/DRY CIRCUIT
B
SILVER
2
POWER
0.4 VA MAX. @ 20 V AC or DC MAX.
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
YES
YES
YES
YES
GOLD
1
1 AMP @ 125 V DC (UL/CSA).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com