Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H2011UTF8WCNQ2 Datasheet(PDF) 1 Page - ITT Industries

Part # H2011UTF8WCNQ2
Description  4 & 6 Tumbler Power Switchlocks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

H2011UTF8WCNQ2 Datasheet(HTML) 1 Page - ITT Industries

  H2011UTF8WCNQ2 Datasheet HTML 1Page - ITT Industries H2011UTF8WCNQ2 Datasheet HTML 2Page - ITT Industries H2011UTF8WCNQ2 Datasheet HTML 3Page - ITT Industries H2011UTF8WCNQ2 Datasheet HTML 4Page - ITT Industries H2011UTF8WCNQ2 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M–39
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
M
Models Available
C&K H Series
4 & 6 Tumbler Power Switchlocks
Features/Benefits
• Positive detent
• Multi-pole and multi-position
• Snap-together assembly
• Power switching
Typical Applications
• Machine controls
• Elevators
Specifications
CONTACT RATING: Q contact material: 12 AMPS @ 125 V AC;
6 AMPS @ 250 V AC; 1 AMP @ 125 V DC (UL/CSA). See page
M-42 for additional ratings.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 10 m
Ω typ. initial @ 2-4 V DC,
100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 85ºC.
INDEXING: 45º or 90º, 2-4 Positions.
NOTE: Any models supplied with Q or B contact material are RoHS compliant. For the
latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switchlocks with standard options.
For information on specific and custom switchlocks, consult Customer Service Center.
Materials
LOCK: Zinc alloy with stainless steel facing (4 tumbler locks and
6 tumbler tubular lock).
KEYS: Two nickel plated brass keys with code number (4 tumbler).
Two die cast chrome plated zinc alloy keys (6 tumbler).
SWITCH HOUSING: 6/6 nylon (UL 94V-2).
CONTACTS & TERMINALS: Q contact material: Copper, silver plated.
See page M-42 for additional contact materials.
CONTACT SPRING: Music wire or stainless steel.
MOUNTING NUT: Zinc alloy.
MOUNTING CLIP: Steel, zinc plated.
DRESS NUT: Brass, nickel plated.
TERMINAL SEAL: Epoxy.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages M–40 through M–42. For additional options not shown in catalog, consult Customer Service Center.
Switch and Lock Function
H10113 SP, 90º Index, keypull pos.1
H2011U DP, 90º Index, keypull pos. 1 & 2
H100AA SP, 45º Index,
keypull pos. 1,2 & 3
H200AA DP, 45º Index,
keypull pos. 1, 2 & 3
H20113 DP, 90º Index,
keypull pos. 1
H1011U SP, 90º Index,
keypull pos.1 & 2
H1417U SP, 90º Index, keypull pos. 1,2 & 3
Key Color
NONE Nickel plated brass (4 tumbler)
or chrome plated zinc alloy (6 tumbler)
2
Black
Keying
2
Two nickel plated brass keys
(4 tumbler) or two die cast zinc alloy
keys with chrome plating (6 tumbler)
T One nickel plated brass key with plastic
insert molded square head and one nickel
plated brass key
Lock Finish
2
Stainless steel facing
8
Gloss black facing
Terminations
05 Quick connect
WC Wire lead
Mounting/Lock Style
N With nut
D With clip
Contact Material
Q Silver
B Gold
Lock Type
F
4 Tumbler lock with detent
V 6 Tumbler tubular lock


Similar Part No. - H2011UTF8WCNQ2

ManufacturerPart #DatasheetDescription
logo
C&K Components
H2011U CK-COMPONENTS-H2011U Datasheet
722Kb / 5P
4 & 6 Tumbler Power Switchlocks
18 May 22
More results

Similar Description - H2011UTF8WCNQ2

ManufacturerPart #DatasheetDescription
logo
ITT Industries
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
4 Tumbler Miniature Switchlocks
YM06132C205NQ ITT-YM06132C205NQ Datasheet
319Kb / 3P
4 Tumbler Miniature Switchlocks
W201132C205AQ ITT-W201132C205AQ Datasheet
464Kb / 5P
4 & 6 Tumbler Switchlocks
Y100132A203NQ ITT-Y100132A203NQ Datasheet
582Kb / 8P
4, 5 & 6 Tumbler Switchlocks
logo
C&K Components
Y10013 CK-COMPONENTS-Y10013 Datasheet
433Kb / 8P
4, 5 & 6 Tumbler Switchlocks
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
4 Tumbler Miniature Switchlocks
H101132F205NQ2 CK-COMPONENTS-H101132F205NQ2 Datasheet
268Kb / 5P
4 & 6 Tumbler Power Switchlocks
Y CK-COMPONENTS-Y Datasheet
923Kb / 8P
4, 5 & 6 Tumbler Switchlocks
2018
H CK-COMPONENTS-H Datasheet
722Kb / 5P
4 & 6 Tumbler Power Switchlocks
18 May 22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com