Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2104CU/2 Datasheet(PDF) 7 Page - Motorola, Inc

Part # PCF2104CU/2
Description  LCD controller/driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PCF2104CU/2 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button PCF2104CU/2 Datasheet HTML 3Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 4Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 5Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 6Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 7Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 8Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 9Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 10Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
1997 Dec 16
7
Philips Semiconductors
Product specification
LCD controller/driver
PCF2104x
8.7
Address Counter (AC)
The Address Counter assigns addresses to the DDRAM
and CGRAM for reading and writing and is set by the
instructions ‘Set CGRAM address’ and
‘Set DDRAM address’. After a read/write operation the
Address Counter is automatically incremented or
decremented by 1. The Address Counter contents are
output to the bus (DB0 to DB6) when RS = logic 0 and
R/W = logic 1.
8.8
Display data RAM (DDRAM)
The DDRAM stores up to 80 characters of display data,
represented by 8-bit character codes. DDRAM locations
not used for storing display data can be used as general
purpose RAM. The basic DDRAM-to-display mapping
scheme is shown in Fig.2. With no display shift, the
characters represented by the codes in the first 12 or 24
RAM locations, starting at address 00 in line 1, are
displayed. Subsequent lines display data starting at
addresses 20, 40, or 60 Hex. Figures 3 and 4 show the
DDRAM-to-display mapping scheme when the display is
shifted.
The address range for a 1-line display is 00 to 4F; for a
2-line display from 00 to 27 (line 1) and 40 to 67 (line 2);
for a 4-line display from 00 to 13, 20 to 33, 40 to 53 and
60 to 73 for lines 1, 2, 3 and 4 respectively. For 2 and
4-line displays the end address of one line and the start
address of the next line are not consecutive. When the
display is shifted each line wraps around independently of
the others (see Figs 3 and 4).
When data is written to the DDRAM wrap-around occurs
from 4F to 00 in 1-line mode and from 27 to 40 and
67 to 00 in 2-line mode; from 13 to 20, 33 to 40, 53 to 60
and 73 to 00 in 4-line mode.
8.9
Character generator ROM (CGROM)
The character generator ROM generates 240 character
patterns in 5
× 8 dot format from 8-bit character codes.
Figures 5 and 6 show the character sets currently
available.
8.10
Character generator RAM (CGRAM)
Up to 16 user-defined characters may be stored in the
character generator RAM. The CGROM and CGRAM use
a common address space, of which the first column is
reserved for the CGRAM (see Fig.5). Figure 8 shows the
addressing principle for the CGRAM.
8.11
Cursor control circuit
The cursor control circuit generates the cursor (underline
and/or character blink as shown in Fig.9) at the DDRAM
address contained in the Address Counter. When the
Address Counter contains the CGRAM address the cursor
will be inhibited.
8.12
Timing generator
The timing generator produces the various signals
required to drive the internal circuitry. Internal chip
operation is not disturbed by operations on the data buses.
8.13
LCD row and column drivers
The PCF2104x contains 32 row and 60 column drivers,
which connect the appropriate LCD bias voltages in
sequence to the display, in accordance with the data to be
displayed. The bias voltages and the timing are selected
automatically when the number of lines in the display is
selected. Figures 10 and 11 show typical waveforms.
In the 1-line mode (1 : 16) the row outputs are driven in
pairs: R1/R17, R2/R18 for example. This allows the output
pairs to be connected in parallel, thereby providing greater
drive capability.
Unused outputs should be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com