Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2104CU/2 Datasheet(PDF) 18 Page - Motorola, Inc

Part # PCF2104CU/2
Description  LCD controller/driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PCF2104CU/2 Datasheet(HTML) 18 Page - Motorola, Inc

Back Button PCF2104CU/2 Datasheet HTML 14Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 15Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 16Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 17Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 18Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 19Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 20Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 21Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
1997 Dec 16
18
Philips Semiconductors
Product specification
LCD controller/driver
PCF2104x
8.15
Programming of MUX 1 : 32 displays with
PCF2104x
To drive a 2-line by 24 characters MUX 1 : 32 display, use
instruction ‘Function set’ to set M, N to 0, 1 (respectively).
To drive a 4-line by 12 characters MUX 1:32 display, use
instruction ‘Function set’ to set M, N to 1, 1 (respectively).
8.16
Reset function
The PCF2104 automatically initializes (resets) when
power is turned on. The state after reset is given in
Table 2.
Table 2
State after reset
STEP
DESCRIPTION
1
Display clear.
2
Function set:
DL = 1: 8-bit interface
M, N = 0 1-line display
G = 0: not used
3
Display on/off control:
D = 0: display off
C = 0: cursor off;
B = 0: blink off;
4
Entry mode set:
I/D = 1: +1 (increment)
G = 0: not used
5
Default address pointer to DDRAM. The Busy
Flag (BF) indicates the busy state (BF = logic 1)
until initialization ends. The busy state lasts
2 ms. The chip may also be initialized by
software. See Tables 10 and 11.
6I2C-bus interface reset.
9
INSTRUCTIONS
Only two PCF2104x registers, the instruction register (IR)
and the data register (DR) can be directly controlled by the
microcontroller. Before internal operation, control
information is stored temporarily in these registers to allow
interface to various types of microcontrollers which
operate at different speeds or to allow interfacing to
peripheral control ICs.
The PCF2104x operation is controlled by the instructions
shown in Table 3 together with their execution time.
Details are explained in subsequent sections.
Instructions are of 4 categories, those that:
1. Designate PCF2104x functions such as display
format, data length, etc.
2. Set internal RAM addresses
3. Perform data transfer with internal RAM
4. Others.
In normal use, category 3 instructions are used most
frequently. However, automatic incrementing by 1
(or decrementing by 1) of internal RAM addresses after
each data write lessens the microcontroller program load.
The display shift in particular can be performed
concurrently with display data write, thus enabling the
designer to develop systems in minimum time with
maximum programming efficiency.
During internal operation, no instruction other than the
Busy Flag/address read instruction will be executed.
Because the Busy Flag is set to logic 1 while an instruction
is being executed, it is advisable to ensure that the flag it
is at logic 0 before sending the next instruction or wait for
the maximum instruction execution time, as given in
Table 3. An instruction sent while the Busy Flag is HIGH
will not be executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com