Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2104CU/7 Datasheet(PDF) 34 Page - Motorola, Inc

Part # PCF2104CU/7
Description  LCD controller/driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PCF2104CU/7 Datasheet(HTML) 34 Page - Motorola, Inc

Back Button PCF2104CU/7 Datasheet HTML 30Page - Motorola, Inc PCF2104CU/7 Datasheet HTML 31Page - Motorola, Inc PCF2104CU/7 Datasheet HTML 32Page - Motorola, Inc PCF2104CU/7 Datasheet HTML 33Page - Motorola, Inc PCF2104CU/7 Datasheet HTML 34Page - Motorola, Inc PCF2104CU/7 Datasheet HTML 35Page - Motorola, Inc PCF2104CU/7 Datasheet HTML 36Page - Motorola, Inc PCF2104CU/7 Datasheet HTML 37Page - Motorola, Inc PCF2104CU/7 Datasheet HTML 38Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
1997 Dec 16
34
Philips Semiconductors
Product specification
LCD controller/driver
PCF2104x
17 APPLICATION INFORMATION
Fig.28 Direct connection to 8-bit microcontroller; 8-bit bus.
handbook, 4 columns
MGC620
PCF2104x
DB0 to DB7
E
RS
R/W
8
32
R1 to R32
C1 to C60
60
P20
P21
P22
P10 to P17
P80CL51
to
LCD
Fig.29 Direct connection to 8-bit microcontroller; 4-bit bus.
handbook, 4 columns
MGC621
PCF2104x
DB4 to DB7
E
RS
R/W
4
32
R1 to R32
C1 to C60
60
P10
P11
P12
P14 to P17
P80CL51
to
LCD
Fig.30 Typical application using parallel interface.
handbook, full pagewidth
MGC624
VSS
PCF2104x
VSS
VLCD
VLCD
VDD
VDD
100 nF
DB0 to DB7 E
RS R/W
2 x 24 CHARACTER
LCD DISPLAY
(SPLIT SCREEN)
16
C1 to C60
60
60
16
OSC
100
nF
R7 to R16
R25 to R32
R1 to R8
R17 to R24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com