Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2104CU/7 Datasheet(PDF) 45 Page - Motorola, Inc

Part # PCF2104CU/7
Description  LCD controller/driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PCF2104CU/7 Datasheet(HTML) 45 Page - Motorola, Inc

Back Button PCF2104CU/7 Datasheet HTML 41Page - Motorola, Inc PCF2104CU/7 Datasheet HTML 42Page - Motorola, Inc PCF2104CU/7 Datasheet HTML 43Page - Motorola, Inc PCF2104CU/7 Datasheet HTML 44Page - Motorola, Inc PCF2104CU/7 Datasheet HTML 45Page - Motorola, Inc PCF2104CU/7 Datasheet HTML 46Page - Motorola, Inc PCF2104CU/7 Datasheet HTML 47Page - Motorola, Inc PCF2104CU/7 Datasheet HTML 48Page - Motorola, Inc PCF2104CU/7 Datasheet HTML 49Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
Table 11 Initialization by instruction, 4-bit interface. Not applicable for I2C-bus operation
STEP
DESCRIPTION
Power-on or unknown state
|
Wait 2 ms after VDD rises above VPOR
|
RS = 0; R/W = 0; DB7 = 0; DB6 = 0; DB5 = 1; DB4 = 1
BF cannot be checked before this instruction. ‘Function set’
(interface is 8-bits long).
|
Wait 2 ms
|
RS = 0; R/W = 0; DB7 = 0; DB6 = 0; DB5 = 1; DB4 = 1
BF cannot be checked before this instruction. ‘Function set’
(interface is 8-bits long).
|
Wait 40
µs
|
RS = 0; R/W = 0; DB7 = 0; DB6 = 0; DB5 = 1; DB4 = 1
BF cannot be checked before this instruction. ‘Function set’
(interface is 8-bits long).
|
|
BF can be checked after the following instructions. When BF is not checked, the
waiting time between instructions is the specified instruction time (see Table 3).
RS = 0; R/W = 0; DB7 = 0; DB6 = 0; DB5 = 1; DB4 = 0
‘Function set’ (set interface to 4-bits long). Interface is 8-bits long.
RS = 0; R/W = 0; DB7 = 0; DB6 = 0; DB5 = 1; DB4 = 0
‘Function set’ (interface is 4-bits long).
RS = 0; R/W = 0; DB7 = N; DB6 = M; DB5 = 0; DB4 = 0
Specify number of display lines and voltage generator characteristic.
RS = 0; R/W = 0; DB7 = 0; DB6 = 0; DB5 = 0; DB4 = 0
‘Display off’.
RS = 0; R/W = 0; DB7 = 1; DB6 = 0; DB5 = 0; DB4 = 0
RS = 0; R/W = 0; DB7 = 0; DB6 = 0; DB5 = 0; DB4 = 0
‘Clear display’.
RS = 0; R/W = 0; DB7 = 1; DB6 = 0; DB5 = 0; DB4 = 0
RS = 0; R/W = 0; DB7 = 0; DB6 = 0; DB5 = 0; DB4 = 0
‘Entry mode set’.
RS = 0; R/W = 0; DB7 = 0; DB6 = 1; DB5 = I/D; DB4 = S
|
Initialization ends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com