Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC2119RU/2 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PC2119RU/2
Description  LCD controllers/drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PC2119RU/2 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PC2119RU/2 Datasheet HTML 31Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 32Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 33Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 34Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 35Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 36Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 37Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 38Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
28. August 2000
35
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2119x-2
11 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
12 HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices (see
“Handling MOS Devices”).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD1
Logic supply voltage
−0.5
+6.5
V
VDD2,3
High voltage generator supply voltages
−0.5
+4.5
V
VLCD
LCD supply voltage
−0.5
+7.5
V
VI(VDD) / VO(VDD)
input/output voltage (any VDD related input/output)
−0.5
VDD + 0.5
V
VI(VLCD) / VO(VLCD) input/output voltage (any VLCD related input/output)
−0.5
VLCD + 0.5
V
II
DC input current
−10
+10
mA
IO
DC output current
−10
+10
mA
IDD, ISS and ILCD
VDD1,2,3, VSS1,2 or VLCD current
−50
+50
mA
VHMB
electrostatic handling voltage according Human Body
Model (C=100pF, R=1.5kOhm)
1.8
kV
VMM
electrostatic handling voltage according Machine
Model(c=200pF, L=0.75uH)
150
V
Ptot
total power dissipation
−
400
mW
PO
power dissipation per output
−
100
mW
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com