Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC2119RU/2 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PC2119RU/2
Description  LCD controllers/drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PC2119RU/2 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PC2119RU/2 Datasheet HTML 17Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 18Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 19Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 20Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 21Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 22Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 23Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 24Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Note
1. X = don’t care.
H=1
Reserved
0000000001
do not use
−
Screen
configuration
000000001L
set screen configuration
3
Display
configuration
00000001
P
Q
set display configuration
3
Icon control
0000001
IM
IB
DM
set icon mode (IM), icon blink (IB), direct mode(DM)
3
Temperature
control
00000100
TC1 TC2 set temperature coefficient (TCx)
3
Set HVgen stages
00010000
S1
S0
set internal HVgen stages (S1,S0 = 11 not allowed)
3
Set VLCD
0
0
1
V
voltage
store VLCD in register VA or VB (V)
3
INSTRUCTION
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
DESCRIPTION
REQUIRED
CLOCK
CYCLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com