Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

831752AGILF Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 831752AGILF
Description  Clock Switch for ATCA/AMC and PCIe Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

831752AGILF Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 831752AGILF Datasheet HTML 10Page - Renesas Technology Corp 831752AGILF Datasheet HTML 11Page - Renesas Technology Corp 831752AGILF Datasheet HTML 12Page - Renesas Technology Corp 831752AGILF Datasheet HTML 13Page - Renesas Technology Corp 831752AGILF Datasheet HTML 14Page - Renesas Technology Corp 831752AGILF Datasheet HTML 15Page - Renesas Technology Corp 831752AGILF Datasheet HTML 16Page - Renesas Technology Corp 831752AGILF Datasheet HTML 17Page - Renesas Technology Corp 831752AGILF Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
©2016 Integrated Device Technology, Inc
Revision B June 28, 2016
831752 Data Sheet
Power Considerations
This section provides information on power dissipation and junction temperature for the 831752I.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the 831752I is the sum of the core power plus the analog power plus the power dissipated in the load(s). The
following is the power dissipation for VDD = 3.3V + 5% = 3.465V, which gives worst case results.
•
Power (core)MAX = VDD_MAX * IDD_MAX = 3.465V * 64mA = 221.76mW
Power dissipation for the FCLK, nFCLK input internal 50ohm termination. Assume the FCLK, nFCLK input is driven by a HCSL driver. Logic
High input current ~ 17mA. Logic low current ~ 0mA.
•
Power (input) = 50ohm * (17mA)2 = 14.45mW
Total Power_MAX (3.465V, with all outputs switching) = 221.76mW + 14.45mW = 236.21mW
2.
Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the bond
wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 81.2°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.236W * 81.2°C/W = 104.2°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (multi-layer).
Table 6. Thermal Resistance JA for 16 Lead TSSOP, Forced Convection
JA vs. Air Flow
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
81.2°C/W
73.9°C/W
70.2°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com