Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

831752AGILF Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 831752AGILF
Description  Clock Switch for ATCA/AMC and PCIe Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

831752AGILF Datasheet(HTML) 2 Page - Renesas Technology Corp

  831752AGILF Datasheet HTML 1Page - Renesas Technology Corp 831752AGILF Datasheet HTML 2Page - Renesas Technology Corp 831752AGILF Datasheet HTML 3Page - Renesas Technology Corp 831752AGILF Datasheet HTML 4Page - Renesas Technology Corp 831752AGILF Datasheet HTML 5Page - Renesas Technology Corp 831752AGILF Datasheet HTML 6Page - Renesas Technology Corp 831752AGILF Datasheet HTML 7Page - Renesas Technology Corp 831752AGILF Datasheet HTML 8Page - Renesas Technology Corp 831752AGILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
©2016 Integrated Device Technology, Inc
Revision B June 28, 2016
831752 Data Sheet
Table 1. Pin Descriptions
NOTE: Pullup and pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Function Table
Table 3. Direction Control Function Table
NOTE: X = 0 or 1
Number
Name
Type
Description
1
DIR_SEL
Input
Pulldown
Direction control for the FCLK I/O. Works in conjunction with nOEFCLK.
See Table 3 for function. LVCMOS/LVTTL interface levels.
2
nOEFCLK
Input
Pullup
Output enable for the FCLK I/O output. Works in conjunction with
DIR_SEL. See Table 3 for function. LVCMOS/LVTTL interface levels.
3, 10, 14
VDD
Power
Core and output power supply pin.
4, 5
FCLK, nFCLK
I/O
Differential I/O. Signal direction is controlled by DIR_SEL. Accepts
differential signals when operating as an input. Differential HCSL
signals when operating as an output. Internal source termination can be
disabled. See Table 3 for function.
6, 11, 15
GND
Power
Power supply ground.
7
CLK
Input
Pulldown
Non-inverting input.
8
nCLK
Input
Pulldown/Pullup
Inverting differential clock input.
9
nc
Unused
No connect.
12, 13
nQ, Q
Output
Differential output pair. HCSL interface levels.
16
IREF
Input
An external fixed precision resistor (475
) from this pin to ground
provides a reference current used for the differential current-mode Q
and FCLK outputs.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLDOWN Input Pulldown Resistor
51
k
RPULLUP
Input Pullup Resistor
51
k
Input
Input
Operation
FCLK Function
DIR_SEL
nOEFCLK
00
Local clock mode 0. The input signal at CLK is routed to
both outputs Q and FCLK.
Differential HCSL output with internal 50
 source
termination
0 (default)
1 (default)
Local clock mode 1. The input signal at CLK is routed to
the output Q.
Output is disabled (high impedance). Internal 50
termination is disabled.
1X
Common reference clock mode. FCLK is the clock input.
Q is the clock output.
Differential clock input. Internal 50
 source
termination is disabled as well as output driver and
22.33
 resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com