Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804S030 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ADC0804S030
Description  Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ADC0804S030 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ADC0804S030 Datasheet HTML 2Page - Renesas Technology Corp ADC0804S030 Datasheet HTML 3Page - Renesas Technology Corp ADC0804S030 Datasheet HTML 4Page - Renesas Technology Corp ADC0804S030 Datasheet HTML 5Page - Renesas Technology Corp ADC0804S030 Datasheet HTML 6Page - Renesas Technology Corp ADC0804S030 Datasheet HTML 7Page - Renesas Technology Corp ADC0804S030 Datasheet HTML 8Page - Renesas Technology Corp ADC0804S030 Datasheet HTML 9Page - Renesas Technology Corp ADC0804S030 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ADC0804S030_040_050_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
6 of 18
Integrated Device Technology
ADC0804S030/040/050
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
10. Characteristics
Table 6.
Characteristics
VCCA = V3 to V4 = 4.75 V to 5.25 V; VCCD = V11 to V12 and V28 to V27 = 4.75 V to 5.25 V;
VCCO = V13 to V14 = 3.0 V to 5.25 V; AGND and DGND shorted together; Tamb = 0 C to 70 C; typical values measured at
VCCA = VCCD = 5 V and VCCO = 3.3 V, Vi(a)(p-p) = 2.0 V; CL = 15 pF and Tamb = 25 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output supply voltage
3.0
3.3
5.25
V
VCC
supply voltage
difference
VCCA  VCCD
0.20
-
+0.20
V
VCCA  VCCO
0.20
-
+2.25
V
VCCD  VCCO
0.20
-
+2.25
V
ICCA
analog supply current
-
18
24
mA
ICCD
digital supply current
-
16
21
mA
ICCO
output supply current
fclk = 40 MHz; ramp input
-
1
2
mA
Ptot
total power dissipation
fclk = 40 MHz; ramp input
-
175
247
mW
Inputs
Clock input CLK (referenced to DGND)[1]
VIL
LOW-level input voltage
0
-
0.8
V
VIH
HIGH-level input
voltage
2
-
VCCD
V
IIL
LOW-level input current Vclk = 0.8 V
1
-
+1
A
IIH
HIGH-level input current Vclk = 2 V
-
2
10
A
Zi
input impedance
fclk = 40 MHz
-
2
-
k
Ci
input capacitance
-
2
-
pF
OE and TC (referenced to DGND); see Table 8
VIL
LOW-level input voltage
0
-
0.8
V
VIH
HIGH-level input
voltage
2
-
VCCD
V
IIL
LOW-level input current VIL = 0.8 V
1
-
-
A
IIH
HIGH-level input current VIH = 2.0 V
-
-
1
A
VI (analog input voltage referenced to AGND)
IIL
LOW-level input current VI = VRB = 1.3 V
-
0
-
A
IIH
HIGH-level input current VI = VRT = 3.67 V
-
35
-
A
Zi
input impedance
fi = 4.43 MHz
-
8
-
k
Ci
input capacitance
-
5
-
pF
Reference voltages for the resistor ladder; see Table 7
VRB
voltage on pin RB
1.2
1.3
2.45
V
VRT
voltage on pin RT
3.2
3.67
VCCA  0.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com