Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804S030 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ADC0804S030
Description  Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ADC0804S030 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ADC0804S030 Datasheet HTML 7Page - Renesas Technology Corp ADC0804S030 Datasheet HTML 8Page - Renesas Technology Corp ADC0804S030 Datasheet HTML 9Page - Renesas Technology Corp ADC0804S030 Datasheet HTML 10Page - Renesas Technology Corp ADC0804S030 Datasheet HTML 11Page - Renesas Technology Corp ADC0804S030 Datasheet HTML 12Page - Renesas Technology Corp ADC0804S030 Datasheet HTML 13Page - Renesas Technology Corp ADC0804S030 Datasheet HTML 14Page - Renesas Technology Corp ADC0804S030 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ADC0804S030_040_050_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
11 of 18
Integrated Device Technology
ADC0804S030/040/050
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Table 8.
Mode selection
TC
OE
D7 to D0
IR
X
1
high impedance
high impedance
0
0
active; two’s complement
active
1
0
active; binary
active
014aaa556
CLK
VI
DATA
N
− 2
DATA
D0 to D7
DATA
N
− 1
DATA
N
DATA
N + 1
sample N + 2
sample N + 1
VCCO
sample N
sample N + 2
sample N + 1
sample N
tw(clk)H
tw(clk)L
td(s)
td(o)
th(o)
50 %
0 V
VCCO
50 %
0 V
Fig 4.
Timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com